Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D70H4B-849HZ Datasheet(PDF) 8 Page - Frequency Devices, Inc.

Part # D70H4B-849HZ
Description  100 Hz to 50 kHz Fixed Frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70H4B-849HZ Datasheet(HTML) 8 Page - Frequency Devices, Inc.

Back Button D70H4B-849HZ Datasheet HTML 4Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 5Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 6Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 7Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 8Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 9Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 10Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 11Page - Frequency Devices, Inc. D70H4B-849HZ Datasheet HTML 12Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8-Pole
Bessel
Appendix A
Low-Pass
4
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Normalized Time (1/f sec)
Step Response
0
1
2
3
4
5
-0.2
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
Normalized Time (1/f sec)
Delay
(Normalized)
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-79.2
-89.8
-99.0
-107
-114
-33.4
-38.3
-43.1
-51.8
-66.8
-12.1
-13.7
-18.1
-23.1
-28.3
-6.10
-7.08
-8.16
-9.36
-10.7
-2.71
-3.01
-3.67
-4.40
-5.20
-1.06
-1.45
-1.91
-2.16
-2.42
0.00
-0.029
-0.117
-0.264
-0.470
-0.737
-610
-626
-638
-647
-655
-489
-509
-526
-552
-587
-345
-362
-402
-436
-465
-255
-273
-291
-309
-327
-173
-182
-200
-219
-237
-109
-128
-146
-155
-164
0.00
-18.2
-36.4
-54.7
-72.9
-91.1
.052
.038
.029
.023
.018
.241
.201
.170
.126
.077
.482
.468
.417
.352
.291
.505
.504
.502
.498
.492
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506
.506


Similar Part No. - D70H4B-849HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70H4B FREQUENCYDEVICES-D70H4B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
More results

Similar Description - D70H4B-849HZ

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NZG50-100K MICRONETICS-NZG50-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG150-100K MICRONETICS-NZG150-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG100-100K MICRONETICS-NZG100-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-100K MICRONETICS-NZG25-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG5-100K MICRONETICS-NZG5-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG10-100K MICRONETICS-NZG10-100K Datasheet
161Kb / 2P
   Legacy 100 Hz to 100 kHz
NZG25-500K MICRONETICS-NZG25-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
NZG5-20K MICRONETICS-NZG5-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-20K MICRONETICS-NZG10-20K Datasheet
161Kb / 2P
   Legacy 100 Hz to 20 kHz
NZG10-500K MICRONETICS-NZG10-500K Datasheet
161Kb / 2P
   Legacy 100 Hz to 500 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com