Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB216SKG015C-2F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB216SKG015C-2F
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB216SKG015C-2F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB216SKG015C-2F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015C-2F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D92
D
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
5A @ 125/250V AC or 5A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary;
200,000 operations minimum for alternate action
Electrical Life:
10,000 operations minimum for silver;
200,000 operations minimum for gold
Nominal Operating Force:
Single Pole: 1.90N
Double Pole: 2.55N
Contact Timing:
Break before make
Travel:
Pretravel .067” (1.7mm); Overtravel .024” (0.6mm); Total Travel .091” (2.3mm)
Materials & Finishes
Housing/Bezel:
Glass fiber reinforced polyamide (UL94V-0)
Snap-in Frame:
Stainless steel
Movable Contactor:
Phosphor bronze
Movable Contacts:
Silver alloy or copper with gold plating
Stationary Contacts:
Silver alloy or copper with gold plating
Switch Terminals:
Phosphor bronze with silver or gold plating
Lamp Terminals:
Brass with tin plating
Base:
Glass fiber reinforced liquid crystal polymer (UL94V-0)
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Cap Installation Force:
15.0N maximum downward force on cap
Processing
Soldering:
Wave Soldering (PC version): See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 housing/bezel & base
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” before dash in part number to order UL recognized switch.
UL recognized only when ordered switch body with cap assembled.
All single & double pole models recognized at 5A @ 125/250V AC or 0.014A @ 28V DC.


Similar Part No. - UB216SKG015C-2F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB216SKG015C-1JB NKK-UB216SKG015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB216SKG015C-1JC NKK-UB216SKG015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB216SKG015C-2F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com