Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCPB1000CLGEHW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BRCPB1000CLGEHW
Description  Thin Film Bar MOS Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRCPB1000CLGEHW Datasheet(HTML) 4 Page - Vishay Siliconix

  BRCPB1000CLGEHW Datasheet HTML 1Page - Vishay Siliconix BRCPB1000CLGEHW Datasheet HTML 2Page - Vishay Siliconix BRCPB1000CLGEHW Datasheet HTML 3Page - Vishay Siliconix BRCPB1000CLGEHW Datasheet HTML 4Page - Vishay Siliconix BRCPB1000CLGEHW Datasheet HTML 5Page - Vishay Siliconix BRCPB1000CLGEHW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BRCP
www.vishay.com
Vishay Electro-Films
Revision: 22-Jan-15
4
Document Number: 61106
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CASE SIZE B 0.24" x 0.035"
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
10 pF
13 pF
15 pF
20 pF
25 pF
30 pF
35 pF
40 pF
45 pF
50 pF
55 pF
60 pF
65 pF
70 pF
75 pF
80 pF
85 pF
90 pF
95 pF
100 pF


Similar Part No. - BRCPB1000CLGEHW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCPB1000CLGEHW VISHAY-BRCPB1000CLGEHW Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
More results

Similar Description - BRCPB1000CLGEHW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
M-System Co.,Ltd.
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 24-Sep-13
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 02-May-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBB VISHAY-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com