Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858L8D10-6 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 858L8D10-6
Description  8-Bit Programmable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858L8D10-6 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  858L8D10-6 Datasheet HTML 1Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 2Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 3Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 4Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 5Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 6Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 7Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 8Page - Frequency Devices, Inc. 858L8D10-6 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
858 Series
8-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
3
Model
858L8B
858L8E
858L8EX
858L8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size, Model 2
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
Model 3 thru 6
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
Range fc, fr
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 24
Page 23
Page 25
Passband Ripple
0.0 dB
± 0.035 dB
0.05 dB
0.05 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
80 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
- 3 dB
- 0.035 dB
- 0.05 dB
- 0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
0.12 dB
0.80 fc
0.035 dB
1.00 fr
0.5 dB
1.00 fr
0.5 dB
1.00 fr
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.13 fr
3.01 dB
1.05 fr
3.01 dB
1.06 fr
60.0 dB
2.37 fc
60.0 dB
1.67 fr
60.0 dB
1.45 fr
80.0 dB
1.83 fr
80.0 dB
3.16 fc
80.0 dB
1.77 fr
80.0 dB
1.56 fr
100.0 dB
2.00 fr
Phase Match1
0 - 0.8 fc
± 2° max.
0 - 0.8 fr
± 2° max.
0 - 0.8 fr
± 3° max.
0 - 0.8 fr
± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
± 1.5° typ.
0.8 fc - 1.0 fc ± 3° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr ± 4° max.
0.8 fr - 1.0 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - 0.8 fr
± .2 dB max.
0 - 0.8 fr
± 0.2 dB max.
0 - 0.8 fr
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± .1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc ± 0.3 dB max.
0.8 fr - 1.0 fr ± .3 dB max.
0.8 fr - 1.0 fr ± 0.5 dB max.
0.8 fr - 1.0 fr
± 0.5 dB max.
± 0.15 dB typ.
± .15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
250
mVrms typ.
250
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
75
mVrms typ.
75
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-03A
FMA-03A
FMA-03A
FMA-03A


Similar Part No. - 858L8D10-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858L8D10-6 ETC1-858L8D10-6 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8D10-6 FREQUENCYDEVICES-858L8D10-6 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
More results

Similar Description - 858L8D10-6

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Texas Instruments
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Texas Instruments
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com