Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858H8D10-6 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 858H8D10-6
Description  8-Bit Programmable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858H8D10-6 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  858H8D10-6 Datasheet HTML 1Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 2Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 3Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 4Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 5Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 6Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 7Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 8Page - Frequency Devices, Inc. 858H8D10-6 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
8-Bit Programmable Filters
858 Series
Digital Tuning &
Control Characteristics
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Digital Tuning Characteristics
The digital tuning interface circuits are two 4042 quad CMOS
latches which accept the following CMOS-compatible inputs:
eight tuning bits (D0 - D7), a latch strobe bit (C), and a transition
polarity bit (P).
Filter tuning follows the tuning equation given below:
fc = ( fmax/256 ) [ 1 + D7 x 2
7
+ D6 x 2
6
+ D5 x 2
5
+ D4 x 2
4
+ D3 x
2
3
+ D2 x 2
2
+ D1 x 2
1
+ D0 x 2
0
]
where D1 - D7 = "0" or "1", and
fmax = Maximum tuning frequency;
fc = corner frequency;
Minimum tunable frequency = fmax/256 (D0 thru D7 = 0);
Minimum frequency step (Resolution) = fmax/256
Data Input Specifications
Data Control Lines
Functions
Latch Strobe (C)
Transition Polarity (P)
Data Control Modes
Mode 1
P = 0; C = 0 frequency follows input codes
P = 0; C = 0
frequency latched on rising edge
Mode 2
P = 1; C = 1 frequency follows input codes
P = 1; C = 1
frequency latched on falling edge
Input Data Levels
(CMOS Logic)
Input Voltage (Vs = 15 Vdc)
Low Level In
0 Vdc min.
4 Vdc max.
High Level In
11 Vdc min.
15 Vdc max.
Input Current
High Level In
- 10
-5 mA typ. -1 mA max..
Low Level In
+10
-5 mA typ.
+1
mA max.
Input Capacitance
5 pF typ
7.5 pF max.
Input Data Format
Frequency Select Bits
Positive Logic
Logic "1" = +Vs
Logic "0" = Gnd
Bit Weighting
(Binary-Coded)
D0
LSB (least significant bit)
D7
MSB (most significant bit)
Frequency Range
256 : 1, Binary Weighted
MSB
---
---
---
---
---
---
LSB
Bit
Weight
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
fc
Corner
Frequency
D7
D6
D5
D4
D3
D2
D1
D0
00000000
fmax/256
00000001
fmax/128
00000011
fmax/64
00000111
fmax/32
00001111
fmax/16
00011111
fmax/8
00111111
fmax/4
01111111
fmax/2
11111111
fmax
Pin-Out Key
IN
Analog Input Signal
D7 Tuning Bit 7 (MSB)
OUT Analog Output Signal
D6 Tuning Bit 6
GND Power and Signal Return
D5 Tuning Bit 5
“P”
Transition Polarity Bit
D4 Tuning Bit 4
“C”
Tuning Strobe Bit
D3 Tuning Bit 3
+Vs
Supply Voltage, Positive
D2 Tuning Bit 2
-Vs
Supply Voltage, Negative
D1 Tuning Bit 1
Os
Offset Adjustment
D0 Tuning Bit 0 (LSB)
Notes:
1. Frequency data must be present before occurrence of strobe edge.
2. Frequency data must be present after occurrence of strobe edge.
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
C
P
IN
Bottom View
Os
4
5
3
2
1
0
6
7


Similar Part No. - 858H8D10-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858H8D10-6 ETC1-858H8D10-6 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858H8D10-6 FREQUENCYDEVICES-858H8D10-6 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
More results

Similar Description - 858H8D10-6

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
   8-Bit Programmable Multiply/Divide Unit
logo
Texas Instruments
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Texas Instruments
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com