Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS11-11 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS11-11
Description  ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS11-11 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS11-11_17 Datasheet HTML 1Page - Suntan Capacitors TS11-11_17 Datasheet HTML 2Page - Suntan Capacitors TS11-11_17 Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MOTOR CAPACITOR-CBB60
Suntan®
ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
TS11
F E A T U R E S
‧ Low D.F. (dissipation factor), good self-healing character
‧ High I.R. (insulation resistance)
‧ High safety & high reliability
‧ Anti-Striking current, strong over-carrier capacity
Dimensions (mm)
CAP
TS11-11
TS11-12
TS11-13
TS11-14
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
uF
D
H
D
H
D
H
D
H
D
H
D
H
D
H
D
H
1
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
1.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
2
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
2.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
3
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
3.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
3.75
--
--
--
--
30
50
30
50
30
57
30
57
--
--
--
--
4
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
4.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
4.7
30
53
30
63
30
50
30
60
30
57
35
65
--
--
--
--
5
30
53
30
63
30
50
30
60
30
57
35
65
30
50
30
60
6
30
53
30
63
30
50
30
60
30
57
35
65
30
50
30
60
6.3
30
53
30
63
30
50
30
60
30
57
35
65
--
--
--
--
7
30
53
35
63
30
50
35
60
30
57
35
65
30
50
35
60
8
30
53
35
63
30
50
35
60
30
57
35
65
30
50
35
60
9
--
--
--
--
30
60
35
60
30
57
35
65
--
--
--
--
10
30
63
35
73
30
60
35
70
30
57
35
65
30
50
35
70
11
--
--
--
--
30
60
35
70
--
--
--
--
--
--
--
--
12
30
63
35
73
30
60
35
70
35
65
40
70
30
50
35
70
12.5
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
13
35
63
40
73
35
60
40
70
--
--
--
--
35
60
40
70
14
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
15
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
16
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
18
35
63
45
73
35
60
45
70
35
65
40
70
35
60
45
70
20
35
73
45
73
35
70
45
70
40
70
40
95
35
70
45
70
22
35
73
45
73
35
70
45
70
40
70
40
95
35
70
45
70
24
40
73
40
96
40
70
40
93
40
70
40
95
40
70
40
93
25
40
73
40
96
40
70
40
93
40
70
40
95
40
70
40
93
30
40
73
45
96
40
70
45
93
40
70
45
95
40
70
45
93
31.5
--
--
--
--
--
--
--
--
40
95
45
95
--
--
--
--
35
40
73
45
96
45
70
45
93
40
95
45
95
45
70
45
93
40
40
73
50
95
45
70
50
92
40
95
50
105
45
70
50
92
45
40
96
50
95
40
93
50
92
40
95
50
105
40
93
50
92
50
40
96
50
103
40
93
50
100
40
95
50
105
40
93
50
100
55
45
96
50
123
45
93
50
120
45
95
50
116
45
93
50
120
60
45
96
50
123
45
93
50
120
45
95
50
116
45
93
50
120
65
45
96
55
123
45
93
55
120
45
95
55
120
45
93
55
120
70
50
95
55
123
50
92
55
120
50
106
55
120
50
92
55
120
75
50
95
55
123
50
92
55
120
50
106
55
120
50
92
55
120
80
50
95
55
123
50
92
55
120
50
106
55
120
50
92
55
120
85
50
95
60
123
50
92
60
120
50
106
60
120
50
92
60
120
90
50
103
60
123
50
100
60
120
50
106
60
120
50
100
60
120
100
50
103
60
123
50
100
60
120
50
106
60
120
50
100
60
120
Please visit our website to get more update data, those data & specification are subject to change without notice.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS11-11_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
CUI INC
TS11 CUI-TS11 Datasheet
391Kb / 4P
   TACTILE SWITCH
04/13/2022
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
More results

Similar Description - TS11-11_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS11 SUNTAN-TS11_17 Datasheet
251Kb / 1P
   ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
logo
jb Capacitors Company
JFS JBCAPACITORS-JFS Datasheet
732Kb / 3P
   Electrical apparatue use metalized film with precisely quality control
logo
MERITEK ELECTRONICS COR...
AMPP MERITEK-AMPP Datasheet
113Kb / 1P
   Metallized Polypropylene Film Capacitors - AC use
AMPE MERITEK-AMPE Datasheet
112Kb / 1P
   Metallized Polyester Film Capacitors - AC use
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com