Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1403 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1403
Description  15 V/50 mA PFM Step-Up DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1403 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1403 Datasheet HTML 1Page - ON Semiconductor NCP1403 Datasheet HTML 2Page - ON Semiconductor NCP1403 Datasheet HTML 3Page - ON Semiconductor NCP1403 Datasheet HTML 4Page - ON Semiconductor NCP1403 Datasheet HTML 5Page - ON Semiconductor NCP1403 Datasheet HTML 6Page - ON Semiconductor NCP1403 Datasheet HTML 7Page - ON Semiconductor NCP1403 Datasheet HTML 8Page - ON Semiconductor NCP1403 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2002
December, 2002 - Rev. 4
1
Publication Order Number:
NCP1403/D
NCP1403
15 V/50 mA PFM Step−Up
DC−DC Converter
The NCP1403 is a monolithic PFM step-up DC-DC converter.
This device is designed to boost a single Lithium or two cell
AA/AAA battery voltage up to 15 V (with internal MOSFET) output
for handheld applications. A pull-up Chip Enable feature is built
with this device to extend battery-operating life. Besides, the device
can also be incorporated in step-down, and
voltage-inverting
configurations. This device is available in space-saving TSOP-5
package.
Features
82% Efficiency at V
OUT = 15 V, IOUT = 50 mA, VIN = 5.0 V
78% Efficiency at V
OUT = 15 V, IOUT = 30 mA, VIN = 3.6 V
Low Operating Current of 19 mA (No Switching)
Low Shutdown Current of 0.3 mA
Low Start-up Voltage of 1.3 V Typical at 0 mA
Output Voltage up to 15 V with Built-in 16 V MOSFET Switch
PFM Switching Frequency up to 300 kHz
Chip Enable
Low Profile and Minimum External Parts
Micro Miniature TSOP-5 Package
Typical Applications
LCD Bias
Personal Digital Assistants (PDA)
Digital Still Camera
Handheld Games
Hand-held Instrument
TSOP-5
CASE 483
SN SUFFIX
1
PIN CONNECTIONS AND
MARKING DIAGRAM
1
DCE = Device Marking
Y
= Year
W
= Work Week
(Top View)
http://onsemi.com
5
2
34
5
CE
FB
VDD
GND
LX
Device
Package
Shipping
ORDERING INFORMATION
NCP1403SNT1
TSOP-5
3000/Tape & Reel


Similar Part No. - NCP1403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1403 ONSEMI-NCP1403 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
NCP1403 ONSEMI-NCP1403 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1403SNT1 ONSEMI-NCP1403SNT1 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
NCP1403SNT1G ONSEMI-NCP1403SNT1G Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
NCP1403 ONSEMI-NCP1403_05 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
More results

Similar Description - NCP1403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1403 ONSEMI-NCP1403_05 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
NCP1406 ONSEMI-NCP1406_12 Datasheet
218Kb / 19P
   25 V/25 mA PFM Step-Up DC-DC Converter
October, 2012 ??Rev. 6
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com