Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12010 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC12010
Description  12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12010 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12010_17 Datasheet HTML 1Page - Texas Instruments ADC12010_17 Datasheet HTML 2Page - Texas Instruments ADC12010_17 Datasheet HTML 3Page - Texas Instruments ADC12010_17 Datasheet HTML 4Page - Texas Instruments ADC12010_17 Datasheet HTML 5Page - Texas Instruments ADC12010_17 Datasheet HTML 6Page - Texas Instruments ADC12010_17 Datasheet HTML 7Page - Texas Instruments ADC12010_17 Datasheet HTML 8Page - Texas Instruments ADC12010_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
VA
AGND
ADC12010
www.ti.com
SNAS185B – APRIL 2003 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Non-Inverting analog signal Input. With a 2.0V reference voltage, the ground-
2
VIN+
referenced input signal level is 2.0 VP-P centered on VCM.
Inverting analog signal Input. With a 2.0V reference voltage the ground-
referenced input signal level is 2.0 VP-P centered on VCM. This pin may be
3
VIN
connected to VCM for single-ended operation, but a differential input signal is
required for best performance.
Reference input. This pin should be bypassed to AGND with a 0.1 µF
1
VREF
monolithic capacitor. VREF is 2.0V nominal and should be between 1.0V to
2.4V.
31
VRP
32
VRM
These pins are high impedance reference bypass pins. Connect a 0.1 µF
capacitor from each of these pins to AGND. DO NOT LOAD these pins.
30
VRN
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 100 kHz to 15
10
CLK
MHz (typical) with ensured performance at 10 MHz. The input is sampled on
the rising edge of this input.
OE is the output enable pin that, when low, enables the TRI-STATE™ data
11
OE
output pins. When this pin is high, the outputs are in a high impedance state.
PD is the Power Down input pin. When high, this input puts the converter into
the power down mode. When this pin is low, the converter is in the active
8
PD
mode.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12010


Similar Part No. - ADC12010_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12010_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com