Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS122C04 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS122C04
Description  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS122C04 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS122C04 Datasheet HTML 4Page - Texas Instruments ADS122C04 Datasheet HTML 5Page - Texas Instruments ADS122C04 Datasheet HTML 6Page - Texas Instruments ADS122C04 Datasheet HTML 7Page - Texas Instruments ADS122C04 Datasheet HTML 8Page - Texas Instruments ADS122C04 Datasheet HTML 9Page - Texas Instruments ADS122C04 Datasheet HTML 10Page - Texas Instruments ADS122C04 Datasheet HTML 11Page - Texas Instruments ADS122C04 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
ADS122C04
SBAS751 – OCTOBER 2017
www.ti.com
Product Folder Links: ADS122C04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 I
2C Timing Requirements
over operating ambient temperature range and DVDD = 2.3 V to 5.5 V, bus capacitance = 10 pF to 400 pF, and pullup
resistor = 1 kΩ (unless otherwise noted)
MIN
MAX
UNIT
STANDARD-MODE
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time, (repeated) START condition.
After this period, the first clock pulse is generated.
4
µs
tLOW
Pulse duration, SCL low
4.7
µs
tHIGH
Pulse duration, SCL high
4.0
µs
tSU;STA
Setup time, repeated START condition
4.7
µs
tHD;DAT
Hold time, data
0
µs
tSU;DAT
Setup time, data
250
ns
tr
Rise time, SCL, SDA
1000
ns
tf
Fall time, SCL, SDA
250
ns
tSU;STO
Setup time, STOP condition
4.0
µs
tBUF
Bus free time, between STOP and START condition
4.7
µs
tVD;DAT
Valid time, data
3.45
µs
tVD;ACK
Valid time, acknowledge
3.45
µs
FAST-MODE
fSCL
SCL clock frequency
0
400
kHz
tHD;STA
Hold time, (repeated) START condition.
After this period, the first clock pulse is generated.
0.6
µs
tLOW
Pulse duration, SCL low
1.3
µs
tHIGH
Pulse duration, SCL high
0.6
µs
tSU;STA
Setup time, repeated START condition
0.6
µs
tHD;DAT
Hold time, data
0
µs
tSU;DAT
Setup time, data
100
ns
tr
Rise time, SCL, SDA
20
300
ns
tf
Fall time, SCL, SDA
20 · (DVDD / 5.5 V)
250
ns
tSU;STO
Setup time, STOP condition
0.6
µs
tBUF
Bus free time, between STOP and START condition
1.3
µs
tVD;DAT
Valid time, data
0.9
µs
tVD;ACK
Valid time, acknowledge
0.9
µs
tSP
Pulse width of spikes that must be suppressed by the input filter
0
50
ns
FAST-MODE PLUS
fSCL
SCL clock frequency
0
1000
kHz
tHD;STA
Hold time, (repeated) START condition.
After this period, the first clock pulse is generated.
0.26
µs
tLOW
Pulse duration, SCL low
0.5
µs
tHIGH
Pulse duration, SCL high
0.26
µs
tSU;STA
Setup time, repeated START condition
0.26
µs
tHD;DAT
Hold time, data
0
µs
tSU;DAT
Setup time, data
50
ns
tr
Rise time, SCL, SDA
120
ns
tf
Fall time, SCL, SDA
Pullup resistor = 350 Ω
20 · (DVDD / 5.5 V)
120
ns
tSU;STO
Setup time, STOP condition
0.26
µs
tBUF
Bus free time, between STOP and START condition
0.5
µs
tVD;DAT
Valid time, data
0.45
µs
tVD;ACK
Valid time, acknowledge
0.45
µs
tSP
Pulse duration of spikes that must be suppressed by the input filter
0
50
ns


Similar Part No. - ADS122C04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220IPW TI1-ADS1220IPW Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IPWR TI1-ADS1220IPWR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1220IRVAR TI1-ADS1220IRVAR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Similar Description - ADS122C04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
Maxim Integrated Produc...
MAX11259 MAXIM-MAX11259 Datasheet
1Mb / 51P
   24-Bit, 6-Channel, 16ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with I2C Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com