Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8598SIPMR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8598SIPMR
Description  18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8598SIPMR Datasheet(HTML) 5 Page - Texas Instruments

  ADS8598SIPMR Datasheet HTML 1Page - Texas Instruments ADS8598SIPMR Datasheet HTML 2Page - Texas Instruments ADS8598SIPMR Datasheet HTML 3Page - Texas Instruments ADS8598SIPMR Datasheet HTML 4Page - Texas Instruments ADS8598SIPMR Datasheet HTML 5Page - Texas Instruments ADS8598SIPMR Datasheet HTML 6Page - Texas Instruments ADS8598SIPMR Datasheet HTML 7Page - Texas Instruments ADS8598SIPMR Datasheet HTML 8Page - Texas Instruments ADS8598SIPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
ADS8598S
www.ti.com
SBAS827 – SEPTEMBER 2017
Product Folder Links: ADS8598S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
RD/SCLK
12
DI
Multi-function logic input pin (see the RD/SCLK (Input) section):
this pin is an active-low ready input pin in parallel and parallel byte interface;
this pin is a clock input pin in serial interface mode.
REFCAPA
44
AO
Reference amplifier output pin. This pin must be shorted to REFCAPB and decoupled to AGND using a
low ESR, 10-µF ceramic capacitor.
REFCAPB
45
AO
Reference amplifier output pin. This pin must be shorted to REFCAPA and decoupled to AGND using a
low ESR, 10-µF ceramic capacitor.
REFGND
43, 46
P
Reference GND pin. This pin must be shorted to the analog GND plane and decoupled with
REFIN/REFOUT on pin 42 using a 10-µF capacitor.
REFIN/REFOUT
42
AIO
This pin acts as an internal reference output when REFSEL is high;
this pin functions as input pin for the external reference when REFSEL is low;
decouple with REFGND on pin 43 using a 10-µF capacitor.
REFSEL
34
DI
Active high logic input to enable the internal reference
(see the REFSEL (Input) section).
REGCAP1
36
AO
Output pin 1 for the internal voltage regulator; decouple separately to AGND using a 1-µF capacitor.
REGCAP2
39
AO
Output pin 2 for the internal voltage regulator; decouple separately to AGND using a 1-µF capacitor.
RESET
11
DI
Active high logic input to reset the device digital logic
(see the RESET (Input) section).
STBY
7
DI
Active low logic input to enter the device into one of the two power-down modes: standby or shutdown
(see the Power-Down Modes section).
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Transient currents of up to 100 mA do not cause SCR latch-up.
6 Specifications
6.1 Absolute Maximum Ratings
at TA = 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AGND
–0.3
7.0
V
DVDD to AGND
–0.3
7.0
V
Analog input voltage to AGND(2)
–15
15
V
Digital input to AGND
–0.3
DVDD + 0.3
V
REFIN to AGND
–0.3
AVDD + 0.3
V
Input current to any pin except supplies(2)
–10
10
mA
Temperature
Operating
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM),
per ANSI/ESDA/JEDEC JS-001(1)
All pins except analog inputs
±2000
V
Analog input pins only
±9000
Charged-device model (CDM),
per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - ADS8598SIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPM TI1-ADS8598HIPM Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPMR TI1-ADS8598HIPMR Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8598SIPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com