Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM5706ACBDJEA Datasheet(PDF) 9 Page - Texas Instruments

Part # XAM5706ACBDJEA
Description  Sitara Processors
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM5706ACBDJEA Datasheet(HTML) 9 Page - Texas Instruments

Back Button XAM5706ACBDJEA Datasheet HTML 5Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 6Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 7Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 8Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 9Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 10Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 11Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 12Page - Texas Instruments XAM5706ACBDJEA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 388 page
background image
9
AM5706, AM5708
www.ti.com
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagram
Figure 4-1 shows the ball locations for the 538 plastic ball grid array (PBGA) package and isused in
conjunction with Table 4-1 through Table 4-30 to locate signal names and ball grid numbers.
Figure 4-1. CBD S-PBGA-N538 Package (Bottom View)
NOTE
The following bottom balls are not pinned out: AE4 / AE7 / AE10 / AE13 / AD5 / AD8 / AD11
/ AD14 / AC7 / AC9 / AC12 / AC14 / AC17 / AB3 / AB4 / AB5 / AB13 / AB14 / AB17 / AB20 /
AB21 / AB22 / AA14 / AA17 / AA22 / Y22 / W3 / W4 / W5 / W6 / V6 / V21 / V22 / V23 / R3 /
R4 / R5 / R6 / R21 / R22 / R23 / P6 / M3 / M4 / M5 / M6 / M21 / M22 / M23 / J3 / J4 / J5 / J6
/ J21 / J22 / J23 / F4 / F5 / F9 / F12 / F15 / F18 / F21 / F22 / E3 / E4 / E5 / E6 / E9 / E12 /
E15 / E18 / E21 / E22 / E23 / D4 / D5 / D9 / D12 / D15 / D18 / D21 / D22 / C9 / C12 / C15 /
C18.
These balls do not exist on the package.
4.2
Pin Attributes
Table 4-1 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER:This column lists ball numbers on the bottom side associated with each signal on the
bottom.
2. BALL NAME: This column lists mechanical name from package device (name is taken from muxmode
0).
3. SIGNAL NAME:This column lists names of signals multiplexed on each ball (also notice that the name
of the ball is the signal name in muxmode 0).
NOTE
Table 4-1 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.3, Signal Descriptions.
NOTE
In driver off mode, the buffer is configured in high-impedance.


Similar Part No. - XAM5706ACBDJEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM5706ACBDJEA TI1-XAM5706ACBDJEA Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
More results

Similar Description - XAM5706ACBDJEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com