Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD2731 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPD2731
Description  2.5 ??2.7 GHz, 110 W / 220 W, 48 V, Asymmetric Doherty
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD2731 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPD2731 Datasheet HTML 1Page - TriQuint Semiconductor QPD2731 Datasheet HTML 2Page - TriQuint Semiconductor QPD2731 Datasheet HTML 3Page - TriQuint Semiconductor QPD2731 Datasheet HTML 4Page - TriQuint Semiconductor QPD2731 Datasheet HTML 5Page - TriQuint Semiconductor QPD2731 Datasheet HTML 6Page - TriQuint Semiconductor QPD2731 Datasheet HTML 7Page - TriQuint Semiconductor QPD2731 Datasheet HTML 8Page - TriQuint Semiconductor QPD2731 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QPD2731
2.5
– 2.7 GHz, 110 W / 220 W, 48 V, Asymmetric Doherty
Rev. A
- 5 of 11 -
www.qorvo.com
Doherty Performance Plots
Test conditions unless otherwise noted: VG2
= −5.00 V, VD1 = VD2 = +48 V, IDQ1 = 220 mA, T = 25°C, Frequency = 2605 MHz, 1C
WCDMA signal, Input PAR = 10.0 dB at 0.01% CCDF
10
11
12
13
14
15
16
17
18
19
20
34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
Average Output Power (dBm)
Gain vs. Average Output Power
VG2 = −5.0 V, VD1 = VD2 = 48 V, IDQ1 = 220 mA
1C WCDMA, PAR = 10 dB @ 0.01% CCDF
Temp. = +25°C
2575 MHz
2605 MHz
2635 MHz
0
10
20
30
40
50
60
70
34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
Average Output Power (dBm)
Drain Efficiency vs. Average Output Power
VG2 = −5.0 V, VD1 = VD2 = 48 V, IDQ1 = 220 mA
1C WCDMA, PAR = 10 dB @ 0.01% CCDF
Temp. = +25°C
2575 MHz
2605 MHz
2635 MHz
44
45
46
47
48
49
50
51
52
53
54
55
56
34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
Average Output Power (dBm)
Peak Power vs. Average Output Power
VG2 = −5.0 V, VD1 = VD2 = 48 V, IDQ1 = 220 mA
1C WCDMA, PAR = 10 dB @ 0.01% CCDF
Temp. = +25°C
2575 MHz
2605 MHz
2635 MHz
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
Average Output Power (dBm)
ACPR vs. Average Output Power
VG2 = −5.0 V, VD1 = VD2 = 48 V, IDQ1 = 220 mA
1C WCDMA, PAR = 10 dB @ 0.01% CCDF
Temp. = +25°C
2575 MHz
2605 MHz
2635 MHz
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Return Loss vs. Frequency
IRL
Temp. = +25°C


Similar Part No. - QPD2731

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD2018D QORVO-QPD2018D Datasheet
938Kb / 10P
   180 um Discrete GaAs pHEMT
Rev. A
QPD2025D QORVO-QPD2025D Datasheet
1,001Kb / 10P
   250 um Discrete GaAs pHEMT
Rev. A
QPD2040D QORVO-QPD2040D Datasheet
1Mb / 10P
   400 um Discrete GaAs pHEMT
Rev. A, August 2022
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results

Similar Description - QPD2731

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
TriQuint Semiconductor
QPA2705 TRIQUINT-QPA2705 Datasheet
715Kb / 12P
   5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
logo
Qorvo, Inc
QPA9907 QORVO-QPA9907 Datasheet
1Mb / 14P
   2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
QPA9907 QORVO-QPA9907_V01 Datasheet
1Mb / 14P
   2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
Nov. 9th, 2021
logo
TriQuint Semiconductor
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
TA024-025-35-35 TRANSCOM-TA024-025-35-35 Datasheet
29Kb / 1P
   2.4 -2.5 GHz 4 W Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com