Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD2731EVB1.0 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # QPD2731EVB1.0
Description  2.5 ??2.7 GHz, 110 W / 220 W, 48 V, Asymmetric Doherty
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD2731EVB1.0 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button QPD2731EVB1.0 Datasheet HTML 3Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 4Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 5Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 6Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 7Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 8Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 9Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 10Page - TriQuint Semiconductor QPD2731EVB1.0 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
QPD2731
2.5
– 2.7 GHz, 110 W / 220 W, 48 V, Asymmetric Doherty
Rev. A
- 10 of 11 -
www.qorvo.com
Package Marking and Dimensions
Marking: Qorvo Logo
Part
Number and Package Version – QPD2731
Date Code – YYWW
Production Lot Number – MXXX
Serial Number
– ZZZ
Notes:
1. All dimensions are in inches. Angles are in degrees.
2. Exposed metallization is NiAu plated.


Similar Part No. - QPD2731EVB1.0

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD2018D QORVO-QPD2018D Datasheet
938Kb / 10P
   180 um Discrete GaAs pHEMT
Rev. A
QPD2025D QORVO-QPD2025D Datasheet
1,001Kb / 10P
   250 um Discrete GaAs pHEMT
Rev. A
QPD2040D QORVO-QPD2040D Datasheet
1Mb / 10P
   400 um Discrete GaAs pHEMT
Rev. A, August 2022
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
   300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results

Similar Description - QPD2731EVB1.0

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD3640 QORVO-QPD3640 Datasheet
690Kb / 9P
   150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty
October 14, 2019
logo
TriQuint Semiconductor
QPA2705 TRIQUINT-QPA2705 Datasheet
715Kb / 12P
   5 W, 28 V, 2.5 ??2.7 GHz GaN PA Module
logo
Qorvo, Inc
QPA9907 QORVO-QPA9907 Datasheet
1Mb / 14P
   2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
QPA9907 QORVO-QPA9907_V01 Datasheet
1Mb / 14P
   2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
Nov. 9th, 2021
logo
TriQuint Semiconductor
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
   5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
TA024-025-35-35 TRANSCOM-TA024-025-35-35 Datasheet
29Kb / 1P
   2.4 -2.5 GHz 4 W Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com