Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38B49M7H-XXXXFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M38B49M7H-XXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B49M7H-XXXXFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M38B49M7H-XXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38B49M7H-XXXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
6
38B4 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION
Mitsubishi plans to expand the 38B4 group as follows:
Memory Type
Support for Mask ROM version.
Memory Size
Mask ROM size ..................................................... 48K to 60K bytes
RAM size ............................................................ 1024 to 2048 bytes
Package
80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP
Fig. 4 Memory expansion plan
Currently supported products are listed below.
Table 3 List of supported products
Note : Products under development or planning : the development schedule and specifications may be revised without notice.
As of Mar. 2000
Product
M38B49MFH-XXXXFP
M38B47MCH-XXXXFP
ROM size (bytes)
ROM size for User ( )
61440
(61310)
49152
(49022)
RAM size (bytes)
2048
1024
Package
80P6N-A
80P6N-A
Remarks
Mask ROM version
Mask ROM version
60K
56K
52K
48K
44K
36K
32K
28K
24K
20K
16K
12K
8K
4K
40K
ROM size (bytes)
2565127681,0241,5362,048
RAM size (bytes)
Under development
M38B49MFH
Under development
M38B47MC


Similar Part No. - M38B49M7H-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B50E1XXXFP RENESAS-M38B50E1XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E1XXXFS RENESAS-M38B50E1XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFP RENESAS-M38B50E2XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFS RENESAS-M38B50E2XXXFS Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E3XXXFP RENESAS-M38B50E3XXXFP Datasheet
908Kb / 70P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38B49M7H-XXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com