Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB75N03L09 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTB75N03L09
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB75N03L09 Datasheet(HTML) 5 Page - ON Semiconductor

  NTB75N03L09 Datasheet HTML 1Page - ON Semiconductor NTB75N03L09 Datasheet HTML 2Page - ON Semiconductor NTB75N03L09 Datasheet HTML 3Page - ON Semiconductor NTB75N03L09 Datasheet HTML 4Page - ON Semiconductor NTB75N03L09 Datasheet HTML 5Page - ON Semiconductor NTB75N03L09 Datasheet HTML 6Page - ON Semiconductor NTB75N03L09 Datasheet HTML 7Page - ON Semiconductor NTB75N03L09 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTP75N03L09, NTB75N03L09
http://onsemi.com
5
1600
1000
600
800
400
200
0
20
10
10000
25
6000
6
8
2000
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
1
1000
9.1
6.2
4.7
100
10
2.2
10
20
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 11. Maximum Avalanche Energy vs.
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
12000
25
75
50
100
125
150
0.0
0.8
0.6
0.4
0.2
1.0
10
25
5
15
0
30
75
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (VOLTS)
0
4000
8000
4
2
0 2
4
6 8 1012 14 16 1820 22
40
45
50
55
60
65
70
35
1400
1200
VDS = 0 V
VGS = 0 V
TJ = 25°C
Crss
Coss
Ciss
VDD = 15 V
VGS = 5 V
tr
td(off)
td(on)
tf
VGS = 0 V
TJ = 25°C
ID = 75 A
TJ = 25°C
ID = 75 A
VGS VDS
Qg, TOTAL GATE CHARGE (nC)
010
20
30
40
50
60
0
0
2
4
6
8
10
10
20
30
ID = 75 A
TJ = 25°C
VGS
Q2
Q1
QT
Q3
VDS


Similar Part No. - NTB75N03L09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03L09 ONSEMI-NTB75N03L09 Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09G ONSEMI-NTB75N03L09G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09T4 ONSEMI-NTB75N03L09T4 Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
More results

Similar Description - NTB75N03L09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com