Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJL23H Datasheet(PDF) 4 Page - New Japan Radio

Part # NJL23H
Description  INFRARED REMOTE CONTROL RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL23H Datasheet(HTML) 4 Page - New Japan Radio

  NJL23H Datasheet HTML 1Page - New Japan Radio NJL23H Datasheet HTML 2Page - New Japan Radio NJL23H Datasheet HTML 3Page - New Japan Radio NJL23H Datasheet HTML 4Page - New Japan Radio NJL23H Datasheet HTML 5Page - New Japan Radio NJL23H Datasheet HTML 6Page - New Japan Radio NJL23H Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJL21H/21V/22H/23H/24H000A
RECOMMENDED APPLICATION CIRCUIT
RC Filter should be connected closely between Vcc pin and GND pin.
1 2
47uF
47
Vcc
3
1: OUT
2: GND
3: Vcc
Transmission Distance vs. Carrier Frequency
(Vcc=3.3V, Ta=25°C)
0.5
0.6
0.7
0.8
0.9
1.0
24 26 28 30 32 34 36 38 40 42 44 46 48 50
Carrier Frequency (kHz)
fo=36kHz
fo=38KHz
fo=40KHz
Transmission Distance vs. Temperature
(Vcc=3.3V)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
80
100
Ambient temperature Ta(°C)


Similar Part No. - NJL23H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJL21193DG ONSEMI-NJL21193DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
NJL21194DG ONSEMI-NJL21194DG Datasheet
86Kb / 8P
   Complementary ThermalTrak Transistors
January, 2006 ??Rev. 0
More results

Similar Description - NJL23H

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
   INFRARED REMOTE CONTROL RECEIVER
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
   INFRARED REMOTE CONTROL RECEIVER
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com