Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

421 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 421
Description  MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

421 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  421 Datasheet HTML 1Page - Willow Technologies Ltd 421 Datasheet HTML 2Page - Willow Technologies Ltd 421 Datasheet HTML 3Page - Willow Technologies Ltd 421 Datasheet HTML 4Page - Willow Technologies Ltd 421 Datasheet HTML 5Page - Willow Technologies Ltd 421 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
421 Page 1
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2005 TELEDYNE RELAYS
www.teledynerelays.com
421/1205/Q1
SERIES
421
MAGNETIC-LATCHING
ESTABLISHED RELIABILITY
TO-5 RELAYS
SPDT
DESCRIPTION
The magnetic-latching TO-5 relay, originally conceived and
developed by Teledyne, has become one of the industry standards
for low-level switching from dry circuit to 0.5 ampere. Designed for
high-density PC board mounting, its small size and low coil power
dissipation make the 421 relay one of the most versatile
ultraminiature relays available.
The following unique construction features and manufacturing
techniques provide excellent resistance to environmental extremes
and overall high reliability:
• All welded construction.
• Unique uni-frame design providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Advanced cleaning techniques provide maximum assurance of
internal cleanliness.
• Precious metal alloy contacts material with gold plating assures
excellent high current and dry circuit switching capabilities.
The Series 421D and 421DD utilize discrete silicon diodes for coil
suppression and polarity reversal protection.
By virtue of its inherently low intercontact capacitance and contact
circuit losses, the 421 relay has proven to be an excellent
ultraminiature RF switch for frequency ranges well into the UHF
spectrum. A typical RF application for this TO-5 relay is in handheld
radio transceivers, wherein the combined features of good RF
performance, small size, low coil power dissipation and high
reliability make it a preferred method of transmit-receive switching
(see Figure 1).
The Series 421 magnetic-latching relays are ideally suited for
applications where coil power dissipation must be minimized. The
relays can be operated with a short duration pulse. After the contacts
have transferred, no external holding power is required.
The magnetic latching feature of the Series 421 provides a “memory”
capability, since the relays will not reset upon removal of coil power.
PRINCIPLE OF OPERATION
Energizing Coil B produces a magnetic field
opposing the holding flux of the permanent magnet
in Circuit B. As this net holding force decreases, the
attractive force in the air gap of Circuit A, which also
results from the flux of the permanent magnet,
becomes great enough to break the armature free
of Core B, and snap it into a closed position against
Core A. The armature then remains in this position
upon removal of power from Coil B, but will snap
back into position B upon energizing Coil A. Since operation depends upon cancellation
of a magnetic field, it is necessary to apply the correct polarity to the relay coils as
indicated on the relay schematic. When latching relays are installed in equipment, the
latch and reset coils should not be pulsed simultaneously. Coils should not be pulsed
with less than rated coil voltage and the pulse width should be a minimum of three times
the specified operate time of the relay. If these conditions are not followed, it is possible
for the relay to be in the magnetic neutral position.
COIL A
SOFT IRON
CORE B
SOFT IRON CORE A
MAGNETIC CIRCUIT A
MAGNETIC CIRCUIT B
PERMANENT MAGNET
COIL B
STATIONARY
CONTACT
AIR GAP
MOVING
CONTACT
SOFT IRON
ARMATURE
SOFT IRON
CORE A
SERIES
DESIGNATION
RELAY TYPE
421
SPDT basic relay
421D
SPDT relay with internal diode for coil transient suppression
421DD
SPDT relay with internal diodes for coil transient suppression and polarity
reversal protection
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS
Temperature
(Ambient)
–65°C to +125°C
Vibration
(General Note 1)
30 g’s to 3000 Hz
Shock
(General Note 1)
100 g’s,
6 msec, half-sine
Acceleration
50 g’s
Enclosure
Hermetically sealed
Weight
0.089 oz. (2.52g) max.


Similar Part No. - 421

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
421 DBLECTRO-421 Datasheet
333Kb / 1P
   421 LED board-to-board connector
logo
GS Yuasa Battery Sales ...
421 GSYUASABATTERY-421 Datasheet
226Kb / 1P
   Capacity (20-hour) 56Ah
logo
List of Unclassifed Man...
421-017-520-102 ETC2-421-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
421-017-520-102 EDAC-421-017-520-102 Datasheet
104Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-520-102 EDAC-421-017-520-102 Datasheet
244Kb / 2P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
List of Unclassifed Man...
J422D-18PL ETC2-J422D-18PL Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J420-5L TELEDYNE-J420-5L Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com