Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2022 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2022
Description  1K-BIT SERLAL EPROM WITH SDQ INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2022 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2022 Datasheet HTML 3Page - Texas Instruments BQ2022 Datasheet HTML 4Page - Texas Instruments BQ2022 Datasheet HTML 5Page - Texas Instruments BQ2022 Datasheet HTML 6Page - Texas Instruments BQ2022 Datasheet HTML 7Page - Texas Instruments BQ2022 Datasheet HTML 8Page - Texas Instruments BQ2022 Datasheet HTML 9Page - Texas Instruments BQ2022 Datasheet HTML 10Page - Texas Instruments BQ2022 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
bq2022
SLUS526B − OCTOBER 2002 − REVISED OCTOBER 2003
www.ti.com
7
An 8-bit CRC of the command byte and address bytes is computed by the bq2022 and read back by the host
to confirm that the correct command word and starting address were received. If the CRC read by the host is
incorrect, a reset pulse must be issued and the entire sequence must be repeated. If the CRC received by the
host is correct, the host issues read time slots and receives data from the bq2022 starting at the initial address
and continuing until the end of a 32-byte page is reached. At that point the host sends eight additional read time
slots and receive an 8-bit CRC that is the result of shifting into the CRC generator all of the data bytes from
the initial starting byte to the last byte of the current page. Once the 8-bit CRC has been received, data is again
read from the 1024-bit EPROM data field starting at the next page. This sequence continues until the final page
and its accompanying CRC are read by the host. Thus each page of data can be considered to be 33 bytes
long, the 32 bytes of user-programmed EPROM data and an 8-bit CRC that gets generated automatically at
the end of each page.
Initialization and
ROM Command
Sequence
READ
MEMORY/Generate
CRC Command
C3h
Address Low Byte
A0
A7
Address High Byte
A8
A15
EPROM Memory and CRC
Byte Generated at 32-Byte
Page Boundaries
NOTE:Individual bytes of address and data are transmitted LSB first.
Figure 7. READ MEMORY/Page CRC
READ MEMORY/Field CRC
To read memory without CRC generation on 32 byte page boundaries, the ROM command is followed by the
READ MEMORY command, F0h, followed by the address low byte and then the address high byte.
NOTE: As shown in Figure 8, individual bytes of address and data are transmitted LSB first.
An 8-bit CRC of the command byte and address bytes is computed by the bq2022 and read back by the host
to confirm that the correct command word and starting address were received. If the CRC read by the host is
incorrect, a reset pulse must be issued and the entire sequence must be repeated. If the CRC received by the
host is correct, the host issues read time slots and receives data from the bq2022 starting at the initial address
and continuing until the end of the 1024-bit data field is reached or until a reset pulse is issued. If reading occurs
through the end of memory space, the host may issue eight additional read time slots and the bq2022 responds
with a 8-bit CRC of all data bytes read from the initial starting byte through the last byte of memory. After the
CRC is received by the host, any subsequent read time slots appear as logical 1s until a reset pulse is issued.
Any reads ended by a reset pulse prior to reaching the end of memory does not have the 8-bit CRC available.
Initialization and
ROM Command
Sequence
READ
MEMORY
Command
F0h
Address Low
Byte
A0
A7
Address High
Byte
A8
A15
Read and
Verify CRC
Read EEPROM
Memory Until End
of EPROM Memory
Read and
Verify CRC
Figure 8. READ MEMORY/Field CRC
WRITE MEMORY
The WRITE MEMORY command is used to program the 1024-bit EPROM memory field. The 1024-bit memory
field is programmed in 8-byte segments. Data is first written into an 8-byte RAM buffer one byte at a time. The
contents of the RAM buffer is then ANDed with the contents of the EPROM memory field when the programming
command is issued.
Figure 9 illustrates the sequence of events for programming the EPROM memory field. After issuing a ROM
command, the host issues the WRITE MEMORY command, 0Fh, followed by the low byte and then the high
byte of the starting address. The bq2022 calculates and transmits an 8-bit CRC based on the WRITE command
and address.


Similar Part No. - BQ2022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022 TI1-BQ2022 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
bq2022A TI1-bq2022A Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022ADBZR TI-BQ2022ADBZR Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com