Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD876 Datasheet(PDF) 5 Page - Analog Devices

Part # AD876
Description  CMOS A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876 Datasheet(HTML) 5 Page - Analog Devices

  AD876_17 Datasheet HTML 1Page - Analog Devices AD876_17 Datasheet HTML 2Page - Analog Devices AD876_17 Datasheet HTML 3Page - Analog Devices AD876_17 Datasheet HTML 4Page - Analog Devices AD876_17 Datasheet HTML 5Page - Analog Devices AD876_17 Datasheet HTML 6Page - Analog Devices AD876_17 Datasheet HTML 7Page - Analog Devices AD876_17 Datasheet HTML 8Page - Analog Devices AD876_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REV. B
–4–
AD876
SOIC
TQFP
Symbol
Pin No.
Pin No.
Type
Name and Function
D0 (LSB)
3
1
DO
Least Significant Bit.
D1–D4
4–7
2–5
DO
Data Bits 1 through 4.
D5–D8
8–11
8–11
Data Bits 5 through 8.
D9 (MSB)
12
12
DO
Most Significant Bit.
THREE-
16
23
DI
THREE-STATE = LOW
THREE-STATE = HIGH
STATE
or N/C
Normal Operating Mode
High Impedance Outputs
STBY
17
24
DI
STBY = LOW or N/C
STBY = HIGH
Normal Operating Mode
Standby Mode
CLK
15
22
DI
Clock Input.
CML
26
38
AO
Bypass Pin for an Internal Bias Point.
REFTF
22
30
AI
Reference Top Force.
REFBF
24
34
AI
Reference Bottom Force.
REFTS
21
29
AI
Reference Top Sense.
REFBS
25
35
AI
Reference Bottom Sense.
AIN
27
39
AI
Analog Input.
AVDD
28
42
P
+5 V Analog Supply.
AVSS
1
44
P
Analog Ground.
DVDD
18
26
P
+5 V Digital Supply.
DVSS
14, 19, 20
17, 27, 28
P
Digital Ground.
DRVDD
2
45
P
+3.3 V/+5 V Digital Supply. Supply for digital
input and output buffers.
DRVSS
13
16
P
+3.3 V/+5 V Digital Ground. Ground for digital
input and output buffers.
Type: AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; P = Power.
PIN CONFIGURATIONS
SOIC/SSOP
TQFP
PIN FUNCTION DESCRIPTIONS
PINS D0 AND D1 ARE LEFT OPEN
FOR THE AD876JR-8
*
AVSS
DRVDD
AVDD
AIN
D2
D3
D4
REFBF
REFTF
*D0
*D1
CML
REFBS
D5
REFTS
D6
DVSS
D7
DVSS
D8
DVDD
D9
STBY
DRVSS
THREE-STATE
DVSS
CLK
13
18
1
2
28
27
5
6
7
24
23
22
3
4
26
25
8
21
9
20
10
19
11
12
17
16
14
15
TOP VIEW
(Not to Scale)
AD876
NC
NC = NO CONNECT
REFBS
REFTF
REFBF
D0
D1
D4
D5
D6
D2
D3
DVSS
DVDD
REFTS
D8
D9
D7
41
42
43
47
45
46
17
20
19
18
14
16
15
36
35
32
31
30
34
33
44
1
2
5
6
7
3
4
37
38
39
21
24
23
22
40
28
27
26
29
9
10
11
8
48
13
25
12
TOP VIEW
(Not to Scale)
AD876
DVSS


Similar Part No. - AD876_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results

Similar Description - AD876_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
   CMOS 8-bit A/D Converter
logo
Analog Devices
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7523 MAXIM-MX7523 Datasheet
134Kb / 4P
   CMOS 8Bit Multiplying D/a Converter
1995
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com