Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9054A Datasheet(PDF) 6 Page - Analog Devices

Part # AD9054A
Description  A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9054A Datasheet HTML 2Page - Analog Devices AD9054A Datasheet HTML 3Page - Analog Devices AD9054A Datasheet HTML 4Page - Analog Devices AD9054A Datasheet HTML 5Page - Analog Devices AD9054A Datasheet HTML 6Page - Analog Devices AD9054A Datasheet HTML 7Page - Analog Devices AD9054A Datasheet HTML 8Page - Analog Devices AD9054A Datasheet HTML 9Page - Analog Devices AD9054A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD9054A
–5–
REV. D
AIN
D7–D0
ENCODE
ENCODE
SAMPLE N–1
SAMPLE N
SAMPLE N+3
SAMPLE N+4
SAMPLE N+2
SAMPLE N+1
tA
tEH
tEL
1/fS
tPD
tV
DATA N
DATA N–1
DATA N–2
DATA N–3
DATA N–4
DATA N–5
Figure 1. Timing—Single Channel Mode
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Function
1
ENCODE
Encode Clock for ADC (ADC
Samples on Rising Edge
of ENCODE)
2
ENCODE
Encode Clock Complement
(ADC Samples on Falling Edge
of
ENCODE)
3, 5, 15, 18, 28,
VDD
Power Supply (5 V)
30, 31, 36, 41
4, 6, 16, 17, 27,
GND
Ground
29, 32, 35, 37, 40
14–7
DA0–DA7
Digital Outputs of ADC Channel
A. DA7 is the MSB, DA0 the LSB
19–26
DB0–DB7
Digital Outputs of ADC Channel
B. DB7 is the MSB, DB0 the LSB
33
VREF OUT
Internal Reference Output
(2.5 V typical); Bypass with
0.1
µF to Ground
34
VREF IN
Reference Input for ADC (2.5 V
typical,
±4%)
38
AIN
Analog Input—Complement.
Connect to input signal midscale
reference.
39
AIN
Analog Input—True
42
DEMUX
Format Select. LOW = Dual.
Channel Mode, HIGH = Single.
Channel Mode (Channel A Only)
43
DS
Data Sync Complement
44
DS
Data Sync—Aligns Output Chan-
nels in Dual-Channel Mode
PIN CONFIGURATION
PIN 1
IDENTIFIER
TOP VIEW
(PINS DOWN)
DB1
DB2
DB3
GND
DA2
DA1
DA0 (LSB)
VDD
GND
VDD
DB0 (LSB)
DS
DS
DEMUX
VDD
GND
AIN
AIN
GND
VDD
GND
VREF IN
AD9054A


Similar Part No. - AD9054A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054A/PCB AD-AD9054A/PCB Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054ABST-135 AD-AD9054ABST-135 Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054ABST-200 AD-AD9054ABST-200 Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9054APCB AD-AD9054APCB Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
More results

Similar Description - AD9054A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com