Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9200JST Datasheet(PDF) 11 Page - Analog Devices

Part # AD9200JST
Description  CMOS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200JST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9200JST Datasheet HTML 7Page - Analog Devices AD9200JST Datasheet HTML 8Page - Analog Devices AD9200JST Datasheet HTML 9Page - Analog Devices AD9200JST Datasheet HTML 10Page - Analog Devices AD9200JST Datasheet HTML 11Page - Analog Devices AD9200JST Datasheet HTML 12Page - Analog Devices AD9200JST Datasheet HTML 13Page - Analog Devices AD9200JST Datasheet HTML 14Page - Analog Devices AD9200JST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9200
–10–
REV. E
SHA
A2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
+F/S RANGE OBTAINED
FROM VREF PIN OR
EXTERNAL REF
–F/S RANGE OBTAINED
FROM VREF PIN OR
EXTERNAL REF
0.1 F
MODE
(AVDD)
+FS
–FS
AD9200
10k
a. Top/Bottom Mode
V
MAXIMUM MAGNITUDE OF V
IS DETERMINED BY INTERNAL
REFERENCE AND TURNS RATIO
MODE
INTERNAL
REF
AVDD/2
SHA
10k
10k
10k
A/D
CORE
4.2k
TOTAL
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
A2
REFTS
REFBS
AVDD/2
c. Differential Mode
A1
1V
AVSS
REFSENSE
VREF
(1V)
AD9200
0.1 F
1.0 F
d. 1 V Reference
0.01 F
1.0 F
A1
10k
10k
1V
AVSS
REFSENSE
VREF
(2V)
AD9200
e. 2 V Reference
A1
1V
AVSS
REFSENSE
VREF
(= 1 + RA/RB)
RA
RB
INTERNAL 10K REF RESISTORS ARE
SWITCHED OPEN BY THE PRESENSE
OF RA AND RB.
AD9200
0.1 F
1.0 F
f. Variable Reference
(Between 1 V and 2 V)
Figure 16.
A1
1V
REFSENSE
AVDD
VREF
AD9200
g. Internal Reference Disable
(Power Reduction)
MODE
INTERNAL
REF
MIDSCALE OFFSET
VOLTAGE IS DERIVED
FROM INTERNAL OR
EXTERNAL REF
MIDSCALE
V*
AVDD/2
* MAXIMUM MAGNITUDE OF V IS DETERMINED
BY INTERNAL REFERENCE
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
A2
SHA
b. Center Span Mode


Similar Part No. - AD9200JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200JST AD-AD9200JST Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200JSTRL AD-AD9200JSTRL Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results

Similar Description - AD9200JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
   CMOS 8-bit A/D Converter
logo
Analog Devices
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7523 MAXIM-MX7523 Datasheet
134Kb / 4P
   CMOS 8Bit Multiplying D/a Converter
1995
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com