Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9200KST Datasheet(PDF) 5 Page - Analog Devices

Part # AD9200KST
Description  CMOS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Datasheet(HTML) 5 Page - Analog Devices

  AD9200KST Datasheet HTML 1Page - Analog Devices AD9200KST Datasheet HTML 2Page - Analog Devices AD9200KST Datasheet HTML 3Page - Analog Devices AD9200KST Datasheet HTML 4Page - Analog Devices AD9200KST Datasheet HTML 5Page - Analog Devices AD9200KST Datasheet HTML 6Page - Analog Devices AD9200KST Datasheet HTML 7Page - Analog Devices AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9200
–4–
REV. E
DRVDD
AVSS
DRVSS
DRVSS
AVDD
AVDD
AVSS
AVSS
AVDD
REFTF
REFTS
AVDD
AVSS
AVDD
AVSS
REFBS
REFBF
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVSS
AVDD
AVSS
AVDD
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
AVDD
AVSS
–0.3
+6.5
V
DRVDD
DRVSS
–0.3
+6.5
V
AVSS
DRVSS
–0.3
+0.3
V
AVDD
DRVDD
–6.5
+6.5
V
MODE
AVSS
–0.3
AVDD + 0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3 V
AIN
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
REFSENSE
AVSS
–0.3
AVDD + 0.3
V
REFTF, REFTB
AVSS
–0.3
AVDD + 0.3
V
REFTS, REFBS
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
10 sec
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options*
AD9200JRS
0
°C to +70°C
28-Lead SSOP
RS-28
AD9200ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9200JST
0
°C to +70°C
48-Lead LQFP
ST-48
AD9200KST
0
°C to +70°C
48-Lead LQFP
ST-48
AD9200JRSRL
0
°C to +70°C
28-Lead SSOP (Reel) RS-28
AD9200ARSRL –40
°C to +85°C 28-Lead SSOP (Reel) RS-28
AD9200JSTRL
0
°C to +70°C
48-Lead LQFP (Reel) ST-48
AD9200KSTRL 0
°C to +70°C
48-Lead LQFP (Reel) ST-48
AD9200 SSOP-EVAL
Evaluation Board
AD9200 LQFP-EVAL
Evaluation Board
*RS = Shrink Small Outline; ST = Thin Quad Flatpack.
Figure 2. Equivalent Circuits
a. D0–D9, OTR
b. Three-State, Standby, Clamp
c. CLK
d. AIN
e. Reference
f. CLAMPIN
g. MODE
h. REFSENSE
i. VREF
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9200 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD9200KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200KST AD-AD9200KST Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200KSTRL AD-AD9200KSTRL Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results

Similar Description - AD9200KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
   CMOS 8-bit A/D Converter
logo
Analog Devices
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7523 MAXIM-MX7523 Datasheet
134Kb / 4P
   CMOS 8Bit Multiplying D/a Converter
1995
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com