Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2022DBZRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2022DBZRG4
Description  1K-BIT SERLAL EPROM WITH SDQ INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2022DBZRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2022DBZRG4 Datasheet HTML 1Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 2Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 3Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 4Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 5Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 6Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 7Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 8Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
bq2022
SLUS526B − OCTOBER 2002 − REVISED OCTOBER 2003
www.ti.com
4
complement of the page address indicated by the hex value stored in the associated page address redirection
byte. A value of FDh in the redirection byte for page 1, for example, indicates that the updated data are now
in page 2. The details for reading and programming the EPROM status memory portion of the bq2022 are given
in the Memory Function Commands section.
Table 2. EPROM Status Bytes
ADDRESS
(HEX)
PAGE
00h
Write protection bits
BIT0 − write protect page 0
BIT1 − write protect page 1
BIT2 − write protect page 2
BIT3 − write protect page 3
BIT4 to 7 − bitmap of used pages
01h
Redirection byte for page 0
02h
Redirection byte for page 1
03h
Redirection byte for page 2
04h
Redirection byte for page 3
05h
Reserved
06h
Reserved
07h
Factory programmed 00h
Error Checking
To validate the data transmitted from the bq2022, the host generates a CRC value from the data as they are
received. This generated value is compared to the CRC value transmitted by the bq2022. If the two CRC values
match, the transmission is error-free. The equivalent polynomial function of this CRC is X8 + X5 + X4 + 1. Details
are found in the CRC Generation Section of this data sheet.
Customizing the bq2022
The 64-bit ID identifies each bq2022. The 48-bit serial number is unique and programmed by Texas
Instruments. The default 8-bit family code is 09h; however, a different value can be reserved on an individual
customer basis. Contact your Texas Instruments sales representative for more information.
Bus Termination
Because the drive output of the bq2022 is an open-drain N-channel MOSFET, the host must provide a source
current or a 5-k
Ω external pullup, as shown in the typical application circuit in Figure 1.
HOST
bq2022
VPU
CPU
1
Communications
Controller
2
SDQ
3
VSS
VSS
UDG−02055
Figure 1. Typical Applications Circuit


Similar Part No. - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022DBZRG4 TI1-BQ2022DBZRG4 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com