Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1777 Datasheet(PDF) 8 Page - Analog Devices

Part # ADAU1777
Description  Four-ADC, Two-DAC, Low Power Codec
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1777 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAU1777 Datasheet HTML 4Page - Analog Devices ADAU1777 Datasheet HTML 5Page - Analog Devices ADAU1777 Datasheet HTML 6Page - Analog Devices ADAU1777 Datasheet HTML 7Page - Analog Devices ADAU1777 Datasheet HTML 8Page - Analog Devices ADAU1777 Datasheet HTML 9Page - Analog Devices ADAU1777 Datasheet HTML 10Page - Analog Devices ADAU1777 Datasheet HTML 11Page - Analog Devices ADAU1777 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Data Sheet
ADAU1777
Rev. 0 | Page 7 of 108
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SNR2
20 Hz to 20 kHz
With A-Weighted Filter (RMS)
AVDD = 1.8 V
103
105
dB
AVDD = 3.3 V
106
108
dB
With Flat 20 Hz to 20 kHz Filter
AVDD = 1.8 V
100
102
dB
AVDD = 3.3 V
103
105
dB
Interchannel Gain Mismatch
0
50
200
mdB
THD + N
20 Hz to 20 kHz, −1 dBFS input
dB
AVDD = 1.8 V
−96
−90
dB
AVDD = 3.3 V
−96
−90
dB
Gain Error
−0.1
+0.16
dB
Headphone Mode
Dynamic Range1
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
102
105
dB
AVDD = 3.3 V
105
107
dB
With Flat 20 Hz to 20 kHz Filter
AVDD = 1.8 V
100
102
dB
AVDD = 3.3 V
102
104
dB
SNR2
20 Hz to 20 kHz
With A-Weighted Filter (RMS)
AVDD = 1.8 V
103
106
dB
AVDD = 3.3 V
106
108
dB
With Flat 20 Hz to 20 kHz Filter
AVDD = 1.8 V
101
103
dB
AVDD = 3.3 V
104
106
dB
Interchannel Gain Mismatch
0
75
370
mdB
THD + N
32 Ω Load
−1 dBFS, AVDD = 1.8 V, output power = 26 mW
−75
−64
dB
−1 dBFS, AVDD = 3.3 V, output power = 87 mW
−83
−75
dB
24 Ω Load
−2 dBFS, AVDD = 1.8 V, output power = 27 mW
−75
−64
dB
−1 dBFS, AVDD = 3.3 V, output power = 115 mW
−82
−75
dB
16 Ω Load
−3 dBFS, AVDD = 1.8 V, output power = 32 mW
−75
−65
dB
−1 dBFS, AVDD = 3.3 V, output power = 168 mW
−77
−68
dB
Gain Error
Headphone mode
−0.25
+0.25
dB
Headphone Output Power
32 Ω Load
AVDD = 1.8 V, <0.1% THD + N
29.1
mW
AVDD = 3.3 V, <0.1% THD + N
111.8
mW
24 Ω Load
AVDD = 1.8 V, <0.1% THD + N
31.8
mW
AVDD = 3.3 V, <0.1% THD + N
148.3
mW
16 Ω Load
AVDD = 1.8 V, <0.1% THD + N
32.3
mW
AVDD = 3.3 V, <0.1% THD + N
193.0
mW
Offset Error
−0.12
0
+0.08
mV
Interchannel Isolation
1 kHz, 0 dBFS input signal
100
dB
PSRR
CM capacitor = 22 μF, 100 mV p-p at 1 kHz
73
dB
ANALOG-TO-ANALOG LATENCY
fS = 768 kHz
5
µs
fS = 192 kHz
38
µs
CM REFERENCE
CM pin
Common-Mode Reference Output
AVDD/2
V
Common-Mode Source Impedance
5
kΩ
REGULATOR
Line Regulation
1
mV/V
Load Regulation
6
mV/mA
1 Dynamic range is the ratio of the sum of the noise and harmonic power in the band of interest with a −60 dBFS signal present vs. the full-scale power level in decibels
.
2 SNR is the ratio of the sum of all noise power in the band of interest with no signal present vs. the full-scale power level in decibels.


Similar Part No. - ADAU1777

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
   Four-ADC, Two-DAC, Low Power Codec with Audio Processor
ADAU1777BCBZRL AD-ADAU1777BCBZRL Datasheet
1Mb / 108P
   Four-ADC, Two-DAC, Low Power Codec with Audio Processor
More results

Similar Description - ADAU1777

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
   Four-ADC, Two-DAC, Low Power Codec with Audio Processor
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
   Four ADC, Two DAC, Low Power Codec with Audio DSPs
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
logo
Analog Devices
ADAU1372 AD-ADAU1372_15 Datasheet
1Mb / 92P
   Quad ADC, Dual DAC, Low Latency, Low Power Codec
REV. 0
logo
Asahi Kasei Microsystem...
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
Asahi Kasei Microsystem...
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com