Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP489F41 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMP489F41
Description  Low contact resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP489F41 Datasheet(HTML) 5 Page - World Produts Inc.

  PCMP489F41 Datasheet HTML 1Page - World Produts Inc. PCMP489F41 Datasheet HTML 2Page - World Produts Inc. PCMP489F41 Datasheet HTML 3Page - World Produts Inc. PCMP489F41 Datasheet HTML 4Page - World Produts Inc. PCMP489F41 Datasheet HTML 5Page - World Produts Inc. PCMP489F41 Datasheet HTML 6Page - World Produts Inc. PCMP489F41 Datasheet HTML 7Page - World Produts Inc. PCMP489F41 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pilkor components
Metallized Polypropylene
PCMP 489
film capacitors
227
VRdc = 630 V
CATALOGUE NUMBER
PCMP 489……
Figure Y
Figure J
Pitch = 7.5mm
lt= 4.5 ± 0.5 mm
Pitch = 20.0mm
lt= 4.5 ± 0.5 mm
Cap.
(㎌)
Wmax x Hmax x Tmax
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Original Pitch = 10.0 ± 0.8 mm
dt = 0.6 + 0.06 / -0.05 mm
0.010
13.0 x 10.5 x 6.0
PCMP 489D62103
-
0.011
13.0 x 10.5 x 6.0
PCMP 489D62113
-
0.012
13.0 x 10.5 x 6.0
PCMP 489D62123
-
0.013
13.0 x 11.0 x 6.0
PCMP 489D62133
-
0.015
13.0 x 11.0 x 6.0
PCMP 489D62153
-
0.016
13.0 x 11.0 x 6.0
PCMP 489D62163
-
0.018
13.0 x 11.0 x 6.5
PCMP 489D62183
-
0.020
13.0 x 11.0 x 6.5
PCMP 489D62203
-
0.022
13.0 x 11.0 x 7.0
PCMP 489D62223
-
0.024
13.0 x 11.5 x 7.0
PCMP 489D62243
-
0.027
13.0 x 11.5 x 7.5
PCMP 489D62273
-
0.030
13.0 x 12.0 x 7.5
PCMP 489D62303
-
0.033
13.0 x 12.0 x 8.0
PCMP 489D62333
-
Original Pitch = 15.0 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.036
18.0 x 12.5 x 6.0
PCMP 489F62363
-
0.039
18.0 x 13.0 x 6.0
PCMP 489F62393
-
0.047
18.0 x 13.5 x 6.5
PCMP 489F62473
-
0.051
18.0 x 13.5 x 7.0
PCMP 489F62513
-
0.056
18.0 x 13.0 x 6.0
PCMP 489F62563
-
0.062
18.0 x 13.0 x 6.5
PCMP 489F62623
-
0.068
18.0 x 13.5 x 6.5
PCMP 489F62683
-
0.075
18.0 x 14.0 x 7.0
PCMP 489F62753
-
0.082
18.0 x 14.0 x 7.0
PCMP 489F62823
-
0.091
18.0 x 14.5 x 7.5
PCMP 489F62913
-
0.10
18.0 x 14.0 x 7.0
PCMP 489F62104
-
0.12
18.0 x 14.5 x 7.5
PCMP 489F62124
-
0.13
18.0 x 15.0 x 8.0
PCMP 489F62134
-
0.15
18.0 x 15.5 x 8.5
PCMP 489F62154
-
0.16
18.0 x 15.5 x 9.0
PCMP 489F62164
-
0.18
18.0 x 16.0 x 9.5
PCMP 489F62184
-
0.20
18.0 x 16.5 x 10.0
PCMP 489F62204
-
0.22
18.0 x 17.0 x 10.0
PCMP 489F62224
-
Original Pitch = 22.5 ± 0.8 mm
dt = 0.8 + 0.08 / -0.05 mm
0.20
26.0 x 16.5 x 8.0
-
PCMP 489J66204
0.22
26.0 x 16.5 x 8.5
-
PCMP 489J66224


Similar Part No. - PCMP489F41

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
PCMP372DQ3 WPI-PCMP372DQ3 Datasheet
225Kb / 8P
   Self-healing properties
PCMP372DQ4 WPI-PCMP372DQ4 Datasheet
225Kb / 8P
   Self-healing properties
PCMP372DQ5 WPI-PCMP372DQ5 Datasheet
225Kb / 8P
   Self-healing properties
More results

Similar Description - PCMP489F41

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DBT70510 CYNERGY3-DBT70510 Datasheet
1Mb / 2P
   Low Contact Resistance
logo
Amphenol Corporation
P-MUSB-K552-XX AMPHENOL-P-MUSB-K552-XX Datasheet
89Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A511-XX AMPHENOL-P-MUSB-A511-XX Datasheet
354Kb / 2P
   CONTACT RESISTANCE
logo
CUI INC
PP-002C CUI-PP-002C Datasheet
310Kb / 1P
   CONTACT RESISTANCE
logo
Amphenol Corporation
P-MRJR-55XX-X1 AMPHENOL-P-MRJR-55XX-X1 Datasheet
134Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A111-XX AMPHENOL-P-MUSB-A111-XX Datasheet
84Kb / 2P
   CONTACT RESISTANCE
P-MUSB-A211-XX AMPHENOL-P-MUSB-A211-XX Datasheet
105Kb / 2P
   CONTACT RESISTANCE
logo
ALPS ELECTRIC CO.,LTD.
SKPM ALPS-SKPM Datasheet
194Kb / 3P
   Low Contact Resistance (Surface Mount Type)
SKPM ALPS-SKPM_15 Datasheet
847Kb / 3P
   Low Contact Resistance (Surface Mount Type)
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com