Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C04-BN6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M24C04-BN6T
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-BN6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M24C04-BN6T Datasheet HTML 3Page - STMicroelectronics M24C04-BN6T Datasheet HTML 4Page - STMicroelectronics M24C04-BN6T Datasheet HTML 5Page - STMicroelectronics M24C04-BN6T Datasheet HTML 6Page - STMicroelectronics M24C04-BN6T Datasheet HTML 7Page - STMicroelectronics M24C04-BN6T Datasheet HTML 8Page - STMicroelectronics M24C04-BN6T Datasheet HTML 9Page - STMicroelectronics M24C04-BN6T Datasheet HTML 10Page - STMicroelectronics M24C04-BN6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7/29
M24C16, M24C08, M24C04, M24C02, M24C01
DEVICE OPERATION
The device supports the I2C protocol. This is sum-
marized in Figure 5.. Any device that sends data
on to the bus is defined to be a transmitter, and
any device that reads the data to be a receiver.
The device that controls the data transfer is known
as the bus master, and the other as the slave de-
vice. A data transfer can only be initiated by the
bus master, which will also provide the serial clock
for synchronization. The M24Cxx device is always
a slave in all communication.
Start Condition
Start is identified by a falling edge of Serial Data
(SDA) while Serial Clock (SCL) is stable in the
High state. A Start condition must precede any
data transfer command. The device continuously
monitors (except during a Write cycle) Serial Data
(SDA) and Serial Clock (SCL) for a Start condition,
and will not respond unless one is given.
Stop Condition
Stop is identified by a rising edge of Serial Data
(SDA) while Serial Clock (SCL) is stable and driv-
en High. A Stop condition terminates communica-
tion between the device and the bus master. A
Read command that is followed by NoAck can be
followed by a Stop condition to force the device
into the Stand-by mode. A Stop condition at the
end of a Write command triggers the internal EE-
PROM Write cycle.
Acknowledge Bit (ACK)
The acknowledge bit is used to indicate a success-
ful byte transfer. The bus transmitter, whether it be
bus master or slave device, releases Serial Data
(SDA) after sending eight bits of data. During the
9th clock pulse period, the receiver pulls Serial
Data (SDA) Low to acknowledge the receipt of the
eight data bits.
Data Input
During data input, the device samples Serial Data
(SDA) on the rising edge of Serial Clock (SCL).
For correct device operation, Serial Data (SDA)
must be stable during the rising edge of Serial
Clock (SCL), and the Serial Data (SDA) signal
must change only when Serial Clock (SCL) is driv-
en Low.
Memory Addressing
To start communication between the bus master
and the slave device, the bus master must initiate
a Start condition. Following this, the bus master
sends the Device Select Code, shown in Table 2.
(on Serial Data (SDA), most significant bit first).
The Device Select Code consists of a 4-bit Device
Type Identifier, and a 3-bit Chip Enable “Address”
(E2, E1, E0). To address the memory array, the 4-
bit Device Type Identifier is 1010b.
Each device is given a unique 3-bit code on the
Chip Enable (E0, E1, E2) inputs. When the Device
Select Code is received, the device only responds
if the Chip Enable Address is the same as the val-
ue on the Chip Enable (E0, E1, E2) inputs. How-
ever, those devices with larger memory capacities
(the M24C16, M24C08 and M24C04) need more
address bits. E0 is not available for use on devices
that need to use address line A8; E1 is not avail-
able for devices that need to use address line A9,
and E2 is not available for devices that need to use
address line A10 (see Figure 3. and Table 2. for
details). Using the E0, E1 and E2 inputs, up to
eight M24C02 (or M24C01), four M24C04, two
M24C08 or one M24C16 devices can be connect-
ed to one I2C bus. In each case, and in the hybrid
cases, this gives a total memory capacity of
16 Kbits, 2 KBytes (except where M24C01 devic-
es are used).
The 8th bit is the Read/Write bit (RW). This bit is
set to 1 for Read and 0 for Write operations.
If a match occurs on the Device Select code, the
corresponding device gives an acknowledgment
on Serial Data (SDA) during the 9th bit time. If the
device does not match the Device Select code, it
deselects itself from the bus, and goes into Stand-
by mode.
Table 3. Operating Modes
Note: 1. X =
VIH or VIL.
Mode
RW bit
WC 1
Bytes
Initial Sequence
Current Address Read
1
X
1
START, Device Select, RW = 1
Random Address Read
0X
1
START, Device Select, RW = 0, Address
1
X
reSTART, Device Select, RW = 1
Sequential Read
1
X
≥ 1
Similar to Current or Random Address Read
Byte Write
0
VIL
1
START, Device Select, RW = 0
Page Write
0
VIL
≤ 16
START, Device Select, RW = 0


Similar Part No. - M24C04-BN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results

Similar Description - M24C04-BN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
STMicroelectronics
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
   16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com