Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-18N33O-TD Datasheet(PDF) 10 Page - Willow Technologies Ltd

Part # CCP-18N33O-TD
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18N33O-TD Datasheet(HTML) 10 Page - Willow Technologies Ltd

Back Button CCP-18N33O-TD Datasheet HTML 2Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 3Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 4Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 5Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 6Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 7Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 8Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 9Page - Willow Technologies Ltd CCP-18N33O-TD Datasheet HTML 10Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CCP-18 Page 10
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18N
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
NORMALLY OPEN CCP-18N PART NUMBER LIST
* X = 1 (28Vdc), 2 (15Vdc), 3 (12Vdc) and 4 (24Vdc)
PART NO.PART NO.PART NO.
1
CCP-18NX3C
43
CCP-18NX40
85
CCP-18NX6C
2
CCP-18NX3C-D
44
CCP-18NX40-D
86
CCP-18NX6C-D
3
CCP-18NX3C-DM
45
CCP-18NX40-DM
87
CCP-18NX6C-DM
4
CCP-18NX3C-M
46
CCP-18NX40-M
88
CCP-18NX6C-M
5
CCP-18NX3C-MS
47
CCP-18NX40-MS
89
CCP-18NX6C-MS
6
CCP-18NX3C-S
48
CCP-18NX40-S
90
CCP-18NX6C-S
7
CCP-18NX3C-T
49
CCP-18NX40-T
91
CCP-18NX6C-T
8
CCP-18NX3C-TD
50
CCP-18NX40-TD
92
CCP-18NX6C-TD
9
CCP-18NX3C-TDM
51
CCP-18NX40-TDM
93
CCP-18NX6C-TDM
10
CCP-18NX3C-TDMS
52
CCP-18NX40-TDMS
94
CCP-18NX6C-TDMS
11
CCP-18NX3C-TDS
53
CCP-18NX40-TDS
95
CCP-18NX6C-TDS
12
CCP-18NX3C-TM
54
CCP-18NX40-TM
96
CCP-18NX6C-TM
13
CCP-18NX3C-TMS
55
CCP-18NX40-TMS
97
CCP-18NX6C-TMS
14
CCP-18NX3C-TS
56
CCP-18NX40-TS
98
CCP-18NX6C-TS
15
CCP-18NX30
57
CCP-18NX5C
99
CCP-18NX60
16
CCP-18NX30-D
58
CCP-18NX5C-D
100
CCP-18NX60-D
17
CCP-18NX30-DM
59
CCP-18NX5C-DM
101
CCP-18NX60-DM
18
CCP-18NX30-M
60
CCP-18NX5C-M
102
CCP-18NX60-M
19
CCP-18NX30-MS
61
CCP-18NX5C-MS
103
CCP-18NX60-MS
20
CCP-18NX30-S
62
CCP-18NX5C-S
104
CCP-18NX60-S
21
CCP-18NX30-T
63
CCP-18NX5C-T
105
CCP-18NX60-T
22
CCP-18NX30-TD
64
CCP-18NX5C-TD
106
CCP-18NX60-TD
23
CCP-18NX30-TDM
65
CCP-18NX5C-TDM
107
CCP-18NX60-TDM
24
CCP-18NX30-TDMS
66
CCP-18NX5C-TDMS
108
CCP-18NX60-TDMS
25
CCP-18NX30-TDS
67
CCP-18NX5C-TDS
109
CCP-18NX60-TDS
26
CCP-18NX30-TM
68
CCP-18NX5C-TM
110
CCP-18NX60-TM
27
CCP-18NX30-TMS
69
CCP-18NX5C-TMS
111
CCP-18NX60-TMS
28
CCP-18NX30-TS
70
CCP-18NX5C-TS
112
CCP-18NX60-TS
29
CCP-18NX4C
71
CCP-18NX50
30
CCP-18NX4C-D
72
CCP-18NX50-D
31
CCP-18NX4C-DM
73
CCP-18NX50-DM
32
CCP-18NX4C-M
74
CCP-18NX50-M
33
CCP-18NX4C-MS
75
CCP-18NX50-MS
34
CCP-18NX4C-S
76
CCP-18NX50-S
35
CCP-18NX4C-T
77
CCP-18NX50-T
36
CCP-18NX4C-TD
78
CCP-18NX50-TD
37
CCP-18NX4C-TDM
79
CCP-18NX50-TDM
38
CCP-18NX4C-TDMS
80
CCP-18NX50-TDMS
39
CCP-18NX4C-TDS
81
CCP-18NX50-TDS
40
CCP-18NX4C-TM
82
CCP-18NX50-TM
41
CCP-18NX4C-TMS
83
CCP-18NX50-TMS
42
CCP-18NX4C-TS
84
CCP-18NX50-TS


Similar Part No. - CCP-18N33O-TD

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18NX30 TELEDYNE-CCP-18NX30 Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18NX30-D TELEDYNE-CCP-18NX30-D Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18NX30-DM TELEDYNE-CCP-18NX30-DM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18NX30-M TELEDYNE-CCP-18NX30-M Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-18N33O-TD

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com