Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCPW245 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCPW245
Description  High capacitance density
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245 Datasheet(HTML) 4 Page - World Produts Inc.

  PCPW245 Datasheet HTML 1Page - World Produts Inc. PCPW245 Datasheet HTML 2Page - World Produts Inc. PCPW245 Datasheet HTML 3Page - World Produts Inc. PCPW245 Datasheet HTML 4Page - World Produts Inc. PCPW245 Datasheet HTML 5Page - World Produts Inc. PCPW245 Datasheet HTML 6Page - World Produts Inc. PCPW245 Datasheet HTML 7Page - World Produts Inc. PCPW245 Datasheet HTML 8Page - World Produts Inc. PCPW245 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
310
VRdc = 450Vdc
Vpk = 563 Vdc
Code
PCPW 245……
Arrange Pack.
P1±0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(mΩ)
Tol. ± 5% / lt = 5±1 mm
Cap
(㎌)
b x h x l
(mm)
4-pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ± 0.4 mm
dt = 0.8
dt = 1.2
5
18.0 x 28.0 x 31.0
-
30
150
5.0
-
8.5
-
LL4505
-
10
18.0 x 28.0 x 31.0
-
30
300
9.0
-
8.0
-
LL4106
-
15
21.0 x 31.0 x 31.0
-
30
450
11.0
-
6.5
-
LL4156
-
Pitch = 37.5 ± 0.7 mm
dt = 1.0
dt = 1.2
15
18.0 X 33.0 X 42.0
10.2
21
315
6.8
7.8
6.7
6.2
QL4156
QLD156
20
18.0 X 33.0 X 42.0
10.2
21
420
6.8
7.8
6.7
6.2
QL4206
QLD206
22
20.0 X 35.0 X 42.0
10.2
21
462
8.2
9.2
6.0
5.5
QL4226
QLD226
25
20.0 X 35.0 X 42.0
10.2
21
525
10.0
11.0
5.2
4.8
QL4256
QLD256
30
24.0 X 39.0 X 42.0
10.2
21
630
12.2
13.2
3.8
3.5
QL4306
QLD306
35
24.0 X 39.0 X 42.0
10.2
21
735
13.5
14.5
3.2
2.5
QL4356
QLD356
40
28.0 X 43.0 X 42.0
10.2
21
840
14.1
15.1
2.9
2.4
QL4406
QLD406
45
28.0 X 43.0 X 42.0
10.2
21
945
14.4
15.4
2.7
2.2
QL4456
QLD456
50
30.0 X 45.0 X 42.0
20.3
21
1050
14.7
15.7
2.7
2.2
QL4506
QLD506
Pitch = 52.5 ± 0.7 mm
dt = 1.2
dt = 1.2
55
30.0 X 45.0 X 57.0
20.3
14
770
-
15.0
-
5.0
-
TLD556
60
30.0 X 45.0 X 57.0
20.3
14
840
-
15.5
-
4.5
-
TLD606
75
30.0 X 45.0 X 57.0
20.3
14
1050
-
16.0
-
4.0
-
TLD756
100
35.0 X 50.0 X 57.0
20.3
14
1400
-
18.0
-
3.5
-
TLD107
110
35.0 X 50.0 X 57.0
20.3
14
1540
-
19.0
-
3.1
-
TLD117
120
45.0 X 55.0 X 57.0
20.3
14
1680
-
21.5
-
2.8
-
TLD127
130
45.0 X 55.0 X 57.0
20.3
14
1820
-
23.5
-
2.8
-
TLD137
140
45.0 X 55.0 X 57.0
20.3
14
1960
-
25.2
-
2.5
-
TLD147
150
45.0 X 55.0 X 57.0
20.3
14
2100
-
27.0
-
2.5
-
TLD157
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz


Similar Part No. - PCPW245

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
PCPW223FV1 WPI-PCPW223FV1 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
PCPW223FV2 WPI-PCPW223FV2 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
PCPW223HV1 WPI-PCPW223HV1 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
PCPW223HV2 WPI-PCPW223HV2 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
More results

Similar Description - PCPW245

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
DER ILLINOISCAPACITOR-DER Datasheet
224Kb / 4P
   High Capacitance ??Very fast charge/discharge ??High power density
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
   MALE-HIGH DENSITY
logo
Glenair, Inc.
181-058 GLENAIR-181-058 Datasheet
229Kb / 1P
   Glenair High Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com