Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS18 Datasheet(PDF) 5 Page - Suntan Capacitors

Part # TS18
Description  MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS18 Datasheet(HTML) 5 Page - Suntan Capacitors

  TS18_17 Datasheet HTML 1Page - Suntan Capacitors TS18_17 Datasheet HTML 2Page - Suntan Capacitors TS18_17 Datasheet HTML 3Page - Suntan Capacitors TS18_17 Datasheet HTML 4Page - Suntan Capacitors TS18_17 Datasheet HTML 5Page - Suntan Capacitors TS18_17 Datasheet HTML 6Page - Suntan Capacitors TS18_17 Datasheet HTML 7Page - Suntan Capacitors TS18_17 Datasheet HTML 8Page - Suntan Capacitors TS18_17 Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Suntan®
TS18
General Product Capacitance Range:
0805
NPO
X7R/X5R
Y5V
Cp VDC
50
25
16
50
25
16
10
6.3
50
25
16
10
6.3
0R2
B
0R5
B
1R0
B
2R0
B
3R0
B
4R0
B
5R0
B
6R0
B
7R0
B
8R0
B
9R0
B
100
B
120
B
150
B
180
B
200
B
220
B
270
B
300
B
330
B
390
B
470
B
560
B
680
B
820
B
101
B
B/D
121
B
151
B
B/D
181
B
B/D
201
B
221
B
B/D
271
B/D
B/D
331
B/D
B/D
391
B/D
B/D
471
B/D
B/D
561
B/D
B/D
681
B/D
B/D
821
B/D
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS18_17

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS1851A STMICROELECTRONICS-TS1851A Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS1851AI STMICROELECTRONICS-TS1851AI Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851AILT STMICROELECTRONICS-TS1851AILT Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TS18_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com