Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMT468FA3 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMT468FA3
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468FA3 Datasheet(HTML) 7 Page - World Produts Inc.

Back Button PCMT468FA3 Datasheet HTML 3Page - World Produts Inc. PCMT468FA3 Datasheet HTML 4Page - World Produts Inc. PCMT468FA3 Datasheet HTML 5Page - World Produts Inc. PCMT468FA3 Datasheet HTML 6Page - World Produts Inc. PCMT468FA3 Datasheet HTML 7Page - World Produts Inc. PCMT468FA3 Datasheet HTML 8Page - World Produts Inc. PCMT468FA3 Datasheet HTML 9Page - World Produts Inc. PCMT468FA3 Datasheet HTML 10Page - World Produts Inc. PCMT468FA3 Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
89
VRdc = 630V
VRac = 250V
~
CATALOGUE NUMBER
PCMT 468 .....
loose in box
lt = 5.0 ± 1.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C-tol. ± 5 %
C-tol. ± 10 %
Pitch = 10.0 ± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.01
0.012
4.0 x 10.0 x 12.5
0.8
PCMT 468 62103
PCMT 468 62123
PCMT 468 63103
PCMT 468 63123
0.015
0.018
0.022
0.027
0.033
0.039
0.047
5.0 x 11.0 x 12.5
0.9
PCMT 468 62153
PCMT 468 62183
PCMT 468 62223
PCMT 468 62273
PCMT 468 62333
PCMT 468 Q2393
PCMT 468DQ2473
PCMT 468 63153
PCMT 468 63183
PCMT 468 63223
PCMT 468 63273
PCMT 468 63333
PCMT 468 Q3393
PCMT 468DQ3473
0.039
0.047
0.056
0.068
6.0 x 12.0 x 12.5
1.0
PCMT 468 62393
PCMT 468 62473
PCMT 468DQ2563
PCMT 468DQ2683
PCMT 468 63393
PCMT 468 63473
PCMT 468DQ3563
PCMT 468DQ3683
Pitch = 15.0 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.047
0.056
0.068
5.0 x 11.0 x 18.0
1.2
PCMT 468F62473
PCMT 468 62563
PCMT 468 Q2683
PCMT 468F63473
PCMT 468 63563
PCMT 468 Q3683
0.068
0.082
0.1
6.0 x 12.0 x 18.0
1.4
PCMT 468 62683
PCMT 468 62823
PCMT 468 Q2104
PCMT 468 63683
PCMT 468 63823
PCMT 468 Q3104
0.1
0.12
0.15
7.0 x 13.5 x 18.0
1.9
PCMT 468 62104
PCMT 468 62124
PCMT 468 Q2154
PCMT 468 63104
PCMT 468 63124
PCMT 468 Q3154
0.15
0.18
8.5 x 15.0 x 18.0
2.6
PCMT 468 62154
PCMT 468 62184
PCMT 468 63154
PCMT 468 63184
0.22
0.27
10.0 x 16.5 x 18.0
3.1
PCMT 468F62224
PCMT 468FQ2274
PCMT 468F63224
PCMT 468FQ3274
0.33
0.39
11.0 x 18.5 x 18.0
4.1
PCMT 468FQ2334
PCMT 468FQ2394
PCMT 468FQ3334
PCMT 468FQ3394
Pitch = 22.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.22
0.27
7.0 x 16.5 x 26.0
3.2
PCMT 468 62224
PCMT 468 62274
PCMT 468 63224
PCMT 468 63274
0.33
0.39
8.5 x 18.0 x 26.0
4.4
PCMT 468 62334
PCMT 468 62394
PCMT 468 63334
PCMT 468 63394
0.47
0.56
10.0 x 19.5 x 26.0
5.5
PCMT 468 62474
PCMT 468 62564
PCMT 468 63474
PCMT 468 63564
0.68
0.82
1.0
13.0 x 23.0 x 26.0
9.7
PCMT 468JQ2684
PCMT 468JQ2824
PCMT 468JQ2105
PCMT 468JQ3684
PCMT 468JQ3824
PCMT 468JQ3105
Pitch = 27.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.68
0.82
11.0 x 21.0 x 31.0
7.8
PCMT 468 62684
PCMT 468 Q2824
PCMT 468 63684
PCMT 468 Q3824
0.82
1.0
13.0 x 23.0 x 31.0
10.4
PCMT 468 62824
PCMT 468 Q2105
PCMT 468 63824
PCMT 468 Q3105
1.0
1.2
1.5
15.0 x 25.0 x 31.0
12.8
PCMT 468 62105
PCMT 468 Q2125
PCMT 468 Q2155
PCMT 468 63105
PCMT 468 Q3125
PCMT 468 Q3155
1.2
1.8
2.2
18.0 x 28.0 x 31.0
17.2
PCMT 468 62125
PCMT 468 Q2185
PCMT 468 Q2225
PCMT 468 63125
PCMT 468 Q3185
PCMT 468 Q3225


Similar Part No. - PCMT468FA3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468FA3

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com