Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCY2130D34 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCY2130D34
Description  10 to 27.5mm lead pitch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCY2130D34 Datasheet(HTML) 6 Page - World Produts Inc.

Back Button PCY2130D34 Datasheet HTML 2Page - World Produts Inc. PCY2130D34 Datasheet HTML 3Page - World Produts Inc. PCY2130D34 Datasheet HTML 4Page - World Produts Inc. PCY2130D34 Datasheet HTML 5Page - World Produts Inc. PCY2130D34 Datasheet HTML 6Page - World Produts Inc. PCY2130D34 Datasheet HTML 7Page - World Produts Inc. PCY2130D34 Datasheet HTML 8Page - World Produts Inc. PCY2130D34 Datasheet HTML 9Page - World Produts Inc. PCY2130D34 Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
3LONRU FRPSRQHQWV
(0, 6XSSUHVVLRQ
3&< 
ILOP FDSDFLWRUV
7<3( 63(&,),&$7,21
 2) 

& 3,/.25 (/(&7521,&6 
461
6DIHW\
02817,1*
1250$/ 86(
7KH FDSDFLWRUV DUH GHVLJQHG IRU PRXQWLQJ RQ SULQWHGFLUFXLW ERDUGV
7KH FDSDFLWRUV SDFNHG LQ EDQGROLHUV DUH GHVLJQHG IRU PRXQWLQJ RQ SULQWHGFLUFXLW ERDUGV
E\ PHDQV RI DXWRPDWLF LQVHUWLRQ PDFKLQHV
)RU GHWDLOHG VSHFLILFDWLRQV UHIHU WR FKDSWHU 3$&.$*,1* 
63(&,),& 0(7+2' 2) 02817,1* 72 :,7+67$1' 9,%5$7,21 $1' 6+2&.
,Q RUGHU WR ZLWKVWDQG YLEUDWLRQ DQG VKRFN WHVWV LW PXVW EH HQVXUHG WKDW WKH VWDQGRII
SLSV DUH LQ JRRG FRQWDFW ZLWK WKH SULQWHGFLUFXLW ERDUG
 )RU SLWFKHV RI PP WKH FDSDFLWRUV VKDOO EH PHFKDQLFDOO\ IL[HG E\ OHDGV
 )RU ODUJHU SLWFKHV WKH FDSDFLWRUV VKDOO EH PRXQWHG LQ WKH VDPH ZD\ DQG WKH ERG\ FODPSHG
63$&( 5(48,5(0(176 21 35,17('&,5&8,7 %2$5'
7KH PD[LPXP OHQJWK DQG ZLGWK RI ILOP FDSDFLWRUV DUH VKRZQ LQ WKH IROORZLQJ GUDZLQJ 
 (FFHQWULFLW\ DV LQ GUDZLQJ
7KH PD[LPXP HFFHQWULFLW\ LV VPDOOHU WKDQ RU HTXDO WR WKH OHDG GLDPHWHU RI WKH SURGXFW FRQFHUQHG
 3URGXFW KHLJKW ZLWK VHDWLQJ SODQH DV JLYHQ E\ ,(&  DV UHIHUHQFH  KPD[ ≤ K PP
6725$*( 7(03(5$785(
 6WRUDJH WHPSHUDWXUH  7VWJ
 WR 
R& ZLWK 5+ PD[LPXP  ZLWKRXW FRQGHQVDWLRQ
(FFHQWULFLW\
lmax = l +0.3 mm
EPD[
E   PP


Similar Description - PCY2130D34

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR51005040K KEMET-R60IR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60ER5100AA40K KEMET-R60ER5100AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
R71XR510050H0K KEMET-R71XR510050H0K Datasheet
51Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 450 VDC, 85째C, Lead Spacing = 27.5mm
R71VR510050H6K KEMET-R71VR510050H6K Datasheet
50Kb / 1P
   R71H, Film, Metallized Polypropylene, Automotive Grade, 10 uF, 10%, 520 VDC, 85째C, Lead Spacing = 27.5mm
C4AQLBU5100A1XK KEMET-C4AQLBU5100A1XK Datasheet
57Kb / 1P
   C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 10 uF, 10%, 500 V, 70C, Lead Spacing = 27.5mm
C4AF1BU4470A11K KEMET-C4AF1BU4470A11K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 4.7 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
C4AF3BU4220A12K KEMET-C4AF3BU4220A12K Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 2.2 uF, 10%, 800 V, 85C, Lead Spacing = 27.5mm
C4AF9BU4150A1XK KEMET-C4AF9BU4150A1XK Datasheet
57Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 1.5 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
C4AF1BU4680A12K KEMET-C4AF1BU4680A12K Datasheet
58Kb / 1P
   C4AF, Film, Metallized Polypropylene, Power, 6.8 uF, 10%, 500 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com