Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCX2347J36 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCX2347J36
Description  Supplied loose in box and taped on reel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX2347J36 Datasheet(HTML) 1 Page - World Produts Inc.

  PCX2347J36 Datasheet HTML 1Page - World Produts Inc. PCX2347J36 Datasheet HTML 2Page - World Produts Inc. PCX2347J36 Datasheet HTML 3Page - World Produts Inc. PCX2347J36 Datasheet HTML 4Page - World Produts Inc. PCX2347J36 Datasheet HTML 5Page - World Produts Inc. PCX2347J36 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pilkor components
Series Impedance
PCX2 347
Film capacitors
157
MKT RADIAL POTTED CAPACITORS
Pitch 10.0/15.0/22.5/27.5mm
QUICK REFERENCE DATA
Capacitance range (E6 series) *
Capacitance tolerance
Rated (AC) voltage 50 to 60 Hz
Climatic category
Temperature range
Reference IEC, UL specification
Safety approvals
Potting & Encapsulation material
Safety class
0.01㎌ to 2.2㎌
±
10 %, ± 20 %
310 V
~
55/110/56
-55℃ ~ +110℃
IEC 60384-14(3rd edition) and UL60384-14
ENEC
UL60384-14
Qualified in accordance with UL 94V-0
X2
* Intermediate values of the E12 series are available to special order
FEATURES
. 10.0 to 27.5 mm lead pitch
. Supplied loose in box and
taped on reel
. Consist of a low-inductive wound
cell of Metallized Polyester
film, potted in a flame retardant case
APPLICATIONS
. For X2-electromagnetic interference suppression
. Specially designed to meet the NEW REQUIREMENTS
in new IEC 60384-14 specification(3rd edition)/UL 60384-14
requiring for X2 a 2.5kV peak pulse voltage test
. Energy meter
. Stable capacitance in damp environment
85℃85%RH, 240Vac, 1000hours
Main application _ In series with the powerline ( capacitive power supply )
10.0 and 15.0mm
22.5 and 27.5mm


Similar Part No. - PCX2347J36

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCX2337 ONSEMI-PCX2337 Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results

Similar Description - PCX2347J36

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCMT468 WPI-PCMT468 Datasheet
284Kb / 13P
   Supplied loose in box and ammopack
logo
Laird Tech Smart Techno...
CC2824D225R-10 LSTD-CC2824D225R-10 Datasheet
199Kb / 1P
   TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
CM2824E702R-10 LSTD-CM2824E702R-10 Datasheet
217Kb / 1P
   TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
logo
CAMBION Electronic Comp...
709-2002 CAMBION-709-2002 Datasheet
34Kb / 2P
   PLCC sockets, surface mount, supplied on tape and reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H2P1 JAE-HB01S25H2P1 Datasheet
348Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com