Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-18NX3C-D Datasheet(PDF) 6 Page - Willow Technologies Ltd

Part # CCP-18NX3C-D
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18NX3C-D Datasheet(HTML) 6 Page - Willow Technologies Ltd

Back Button CCP-18NX3C-D Datasheet HTML 2Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 3Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 4Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 5Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 6Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 7Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 8Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 9Page - Willow Technologies Ltd CCP-18NX3C-D Datasheet HTML 10Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CCP-18 Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-18\072013\Q3
Series CCP-18N
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCP-18NX6C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
000
On
Off
Off
Off
Off
Off
C
00000
100
Off
On
Off
Off
Off
Off
0
C
0000
010
Off
Off
On
Off
Off
Off
0
0
C
000
1
1
0
Off
Off
Off
On
Off
Off
000
C
00
0
0
1
Off
Off
Off
Off
On
Off
0000
C
0
1
0
1
Off
Off
Off
Off
Off
On
00000
C
1
1
1
Off
Off
Off
Off
Off
Off
000000
TRUTH TABLE Normally Open
CCP-18NX5C-TD
Logic Input
RF Path
Indicator Switches
123
J1
J2
J3
J4
J5
E
F
G
H
K
000
On
Off
Off
Off
Off
C
0000
100
Off
On
Off
Off
Off
0
C
000
010
Off
Off
On
Off
Off
0
0
C
00
1
1
0
Off
Off
Off
On
Off
000
C
0
0
0
1
Off
Off
Off
Off
On
0000
C
1
1
1
Off
Off
Off
Off
Off
00000
TRUTH TABLE Normally Open
CCP-18NX5C-T
Logic Input
RF Path
Indicator Switches
12345
J1
J2
J3
J4
J5
E
F
G
H
K
10000
On
Off
Off
Off
Off
C
0000
01000
Off
On
Off
Off
Off
0
C
000
00100
Off
Off
On
Off
Off
0
0
C
00
0
0
0
1
0
Off
Off
Off
On
Off
000
C
0
0
0
0
0
1
Off
Off
Off
Off
On
0000
C
TRUTH TABLE Normally Open
CCP-18NX6C-T
Logic Input
RF Path
Indicator Switches
123456
J1
J2
J3
J4
J5
J6
E
F
G
H
K
L
100000
On
Off
Off
Off
Off
Off
C
00000
010000
Off
On
Off
Off
Off
Off
0
C
0000
001000
Off
Off
On
Off
Off
Off
0
0
C
000
0
0
0
1
0
0
Off
Off
Off
On
Off
Off
000
C
00
0
0
0
0
1
0
Off
Off
Off
Off
On
Off
0000
C
0
0
0
0
0
0
1
Off
Off
Off
Off
Off
On
00000
C


Similar Part No. - CCP-18NX3C-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18NX3C-D TELEDYNE-CCP-18NX3C-D Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-18NX3C-DM TELEDYNE-CCP-18NX3C-DM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-18NX3C-D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com