Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8741H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8741H
Description  HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8741H Datasheet(HTML) 1 Page - Texas Instruments

  DAC8741H Datasheet HTML 1Page - Texas Instruments DAC8741H Datasheet HTML 2Page - Texas Instruments DAC8741H Datasheet HTML 3Page - Texas Instruments DAC8741H Datasheet HTML 4Page - Texas Instruments DAC8741H Datasheet HTML 5Page - Texas Instruments DAC8741H Datasheet HTML 6Page - Texas Instruments DAC8741H Datasheet HTML 7Page - Texas Instruments DAC8741H Datasheet HTML 8Page - Texas Instruments DAC8741H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MUX
HART
PA/FF
Transmit
Modulator
Receive
Modulator
DAC
Buffer
Carrier
Detect
Bandpass
Filter
Clock
Generator
Precision
Oscillator
Voltage
Reference
CLK_CFG1 CLKO
CLK_CFG0
XEN
X2
X1
REF
REF_EN
MOD_OUT
MOD_INF
MOD_IN
IOVDD
AVDD
DGND
GND
BPFEN
UART_RTS / SCLK
UART_OUT / SDO
DUPLEX / SDI
UART_IN / CS
CD / IRQ
RST
REG_CAP
IF_SEL
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DAC8740H, DAC8741H, DAC8742H
SBAS862 – JUNE 2017
DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
1
1 Features
1
HART-Compliant Physical Layer Modem
1200/2200 Hz HART FSK Sinusoids
Register Programmable Amplitude of TX
Signals
(DAC8741H / DAC8742H only)
Integrated RX Demodulator and Band-Pass
Filter with Minimal External Components
Foundation Fieldbus Compliant H1 Controller and
Medium Attachment Unit (MAU)
31.25 kbit/s Communication Based on
Manchester Coded Bus Powered (MBP)
Integrated Manchester Encoder and Decoder
Compliant with PROFIBUS PA
Low Quiescent Current: 200 uA Max
Integrated 1.5 V Reference
Flexible Clocking Options
External Crystal Oscillator
External CMOS Clock
Digital Interface
DAC8740H: UART
DAC8741H: SPI
DAC8742H: UART and SPI
Reliability: CRC Bit Error Checking, Watchdog
Timer (DAC8741H and DAC8742H only)
Wide Operating Temperature: –55°C to 125°C
4 mm x 4 mm QFN and 5 mm x 5 mm TQFP
Packages
2 Applications
Industrial Process Control and Automation
PLC or DCS I/O Modules
Field and Sensor Transmitters
3 Description
The DAC8740H, DAC8741H, and DAC8742H are
HART®, FOUNDATION Fieldbus™, and PROFIBUS
PA compliant low power modems designed for
industrial process control and industrial automation
applications.
In HART mode, the DAC874xH integrates all of the
required circuitry to operate as half-duplex HART
physical layer modems, in either slave or master
configurations with minimal external components for
filtering.
In
FOUNDATION
Fieldbus
mode,
the
DAC874xH integrates all of the required circuitry to
operate
as
half-duplex
FOUNDATION
Fieldbus
compliant H1 Controllers and MAUs.
The HART, FOUNDATION Fieldbus, or PROFIBUS
PA, data stream can be transferred from the
microcontroller through either a UART interface or an
integrated FIFO accessed by a SPI interface. The
SPI interface includes an SDO pin for daisy-chain
support,
various
interrupts,
and
other
extended
features.
The devices operate from a supply of 2.7V to 5.5V
while consuming only 200 uA, making them an
excellent
choice
for
loop-powered
or
2-wire
applications. They operate from –55°C to 125°C and
are available in 24-lead VQFN and 32-lead TQFP
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC8740H
VQFN (24)
4 mm × 4 mm
DAC8741H
VQFN (24)
4 mm × 4 mm
DAC8742H
TQFP (32)
5 mm × 5 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DAC8741H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8741H TI1-DAC8741H Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8741H TI1-DAC8741H Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8741HRGER TI1-DAC8741HRGER Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8741HRGET TI1-DAC8741HRGET Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
More results

Similar Description - DAC8741H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
logo
PHOENIX CONTACT
2316050 PHOENIX-2316050 Datasheet
57Kb / 3P
   Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
2316417 PHOENIX-2316417 Datasheet
81Kb / 3P
   Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
2316420 PHOENIX-2316420 Datasheet
79Kb / 3P
   Connect up to six Foundation Fieldbus or PROFIBUS PA field devices
2316052 PHOENIX-2316052 Datasheet
63Kb / 4P
   Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
logo
Molex Electronics Ltd.
1300410016 MOLEX-1300410016 Datasheet
494Kb / 3P
   Brad짰 Foundation Fieldbus Cordsets and Receptacles
logo
Belden Inc.
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
SI1344A BELDEN-SI1344A Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com