Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XDAC8740HRGET Datasheet(PDF) 6 Page - Texas Instruments

Part # XDAC8740HRGET
Description  HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XDAC8740HRGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button XDAC8740HRGET Datasheet HTML 2Page - Texas Instruments XDAC8740HRGET Datasheet HTML 3Page - Texas Instruments XDAC8740HRGET Datasheet HTML 4Page - Texas Instruments XDAC8740HRGET Datasheet HTML 5Page - Texas Instruments XDAC8740HRGET Datasheet HTML 6Page - Texas Instruments XDAC8740HRGET Datasheet HTML 7Page - Texas Instruments XDAC8740HRGET Datasheet HTML 8Page - Texas Instruments XDAC8740HRGET Datasheet HTML 9Page - Texas Instruments XDAC8740HRGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
24X (0.6)
24X (0.24)
20X (0.5)
(3.8)
(3.8)
4X (
1.23)
(0.715) TYP
(0.715) TYP
(R
) TYP
0.05
4222437/A 12/2015
VQFN - 1 mm max height
RGE0024F
PLASTIC QUAD FLATPACK - NO LEAD
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
25
SYMM
METAL
TYP
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
EXPOSED PAD 25:
77% PRINTED SOLDER COVERAGE BY AREA
SCALE:25X
SYMM
1
6
7
12
13
18
19
24
6
DAC8740H, DAC8741H, DAC8742H
SBAS862 – JUNE 2017
www.ti.com
Product Folder Links: DAC8740H DAC8741H DAC8742H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated


Similar Part No. - XDAC8740HRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XDAC8740HRGET TI1-XDAC8740HRGET Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
More results

Similar Description - XDAC8740HRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
[Old version datasheet]   HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
[Old version datasheet]   DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
logo
PHOENIX CONTACT
2316050 PHOENIX-2316050 Datasheet
57Kb / 3P
   Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
2316417 PHOENIX-2316417 Datasheet
81Kb / 3P
   Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
2316420 PHOENIX-2316420 Datasheet
79Kb / 3P
   Connect up to six Foundation Fieldbus or PROFIBUS PA field devices
2316052 PHOENIX-2316052 Datasheet
63Kb / 4P
   Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
logo
Molex Electronics Ltd.
1300410016 MOLEX-1300410016 Datasheet
494Kb / 3P
   Brad짰 Foundation Fieldbus Cordsets and Receptacles
logo
Belden Inc.
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
SI1344A BELDEN-SI1344A Datasheet
103Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com