Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74700-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700-Q1
Description  Low IQ Always ON Smart Diode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74700-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM74700-Q1 Datasheet HTML 1Page - Texas Instruments LM74700-Q1 Datasheet HTML 2Page - Texas Instruments LM74700-Q1 Datasheet HTML 3Page - Texas Instruments LM74700-Q1 Datasheet HTML 4Page - Texas Instruments LM74700-Q1 Datasheet HTML 5Page - Texas Instruments LM74700-Q1 Datasheet HTML 6Page - Texas Instruments LM74700-Q1 Datasheet HTML 7Page - Texas Instruments LM74700-Q1 Datasheet HTML 8Page - Texas Instruments LM74700-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
LM74700-Q1
SNOSD17 – OCTOBER 2017
www.ti.com
Product Folder Links: LM74700-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input Pins
ANODE to GND
–65
65
V
CATHODE to GND
65
V
EN to GND
–65
65
V
Output Pins
GATE to ANODE
20
V
VCAP to ANODE
20
V
Input to Output Pins
ANODE to CATHODE
–75
V
Storage temperature, Tstg
–40
150
°C
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input Pins
ANODE to GND
–60
60
V
CATHODE to GND
60
EN to GND
–60
60
Input to Output pins
ANODE to CATHODE
–70
V
Operating junction temperature range, TJ
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.3 Thermal Information
THERMAL METRIC(1)
LM74700-Q1
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
189.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
103.8
°C/W
RθJB
Junction-to-board thermal resistance
45.8
°C/W
ΨJT
Junction-to-top characterization parameter
19.4
°C/W
ΨJB
Junction-to-board characterization parameter
45.5
°C/W
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.4 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM),
per AEC Q100-011
Corner pins (VCAP, EN,
ANODE, CATHODE)
±750
Other pins
±500
6.5 Electrical Characteristics
VANODE =12 V, VCAP-VANODE =10 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VANODE SUPPLY VOLTAGE
ISHDN
Shutdown Supply Current
VEN = 0 V
3
15
µA


Similar Part No. - LM74700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700-Q1 TI-LM74700-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
More results

Similar Description - LM74700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
   IA610 SMARTMIC ALWAYS-ON VOICEW
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com