Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74700-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM74700-Q1
Description  Low IQ Always ON Smart Diode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM74700-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM74700-Q1 Datasheet HTML 5Page - Texas Instruments LM74700-Q1 Datasheet HTML 6Page - Texas Instruments LM74700-Q1 Datasheet HTML 7Page - Texas Instruments LM74700-Q1 Datasheet HTML 8Page - Texas Instruments LM74700-Q1 Datasheet HTML 9Page - Texas Instruments LM74700-Q1 Datasheet HTML 10Page - Texas Instruments LM74700-Q1 Datasheet HTML 11Page - Texas Instruments LM74700-Q1 Datasheet HTML 12Page - Texas Instruments LM74700-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
LM74700-Q1
www.ti.com
SNOSD17 – OCTOBER 2017
Product Folder Links: LM74700-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2 Conduction Mode
Conduction mode occurs when the gate driver is enabled. There are three regions of operating during conduction
mode based on the ANODE to CATHODE voltage of the LM74700-Q1. Each of the three modes is described in
Regulated Conduction Mode, Full Conduction Mode and Reverse Current Protection Mode.
7.4.2.1 Regulated Conduction Mode
For the LM74700-Q1 to operate in regulated conduction mode, the gate driver must be enabled as described in
Gate Driver and the current from source to drain of the external MOSFET must be within the range to result in an
ANODE to CATHODE voltage drop of –5 mV to 50 mV. During forward regulation mode the ANODE to
CATHODE voltage is regulated to 20 mV by adjusting the GATE to ANODE voltage. By regulation this voltage
the power loss of the external MOSFET can be minimized while resulting in fast turnoff in result of any reverse
current.
7.4.2.2 Full Conduction Mode
For the LM74700-Q1 to operate in full conduction mode the gate driver must be enabled as described in Gate
Driver and the current from source to drain of the external MOSFET must be large enough to result in an
ANODE to CATHODE voltage drop of greater than 50 mV typically. If these conditions are achieved the GATE
pin is internally connected to the VCAP pin resulting in the GATE to ANODE voltage being approximately the
same as the VCAP to ANODE voltage. By connecting VCAP to GATE the external MOSFET's RDS(ON) is
minimized reducing the power loss of the external MOSFET when forward currents are large.
7.4.2.3 Reverse Current Protection Mode
For the LM74700-Q1 to operate in reverse current protection mode, the gate driver must be enabled as
described in Gate Driver and the current of the external MOSFET must be flowing from the drain to the source.
When the ANODE to CATHODE voltage is typically less than –5 mV reverse current protection mode is entered
and the GATE pin is internally connected to the ANODE pin. The connection of the GATE to ANODE pin
disables the external MOSFET. The body diode of the MOSFET blocks any reverse current from flowing from the
drain to source.


Similar Part No. - LM74700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74700-Q1 TI-LM74700-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
More results

Similar Description - LM74700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
   IA610 SMARTMIC ALWAYS-ON VOICEW
logo
Linear Technology
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
   Low IQ Synchronous Boost Controller
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com