Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2181A3IDGST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA2181A3IDGST
Description  Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2181A3IDGST Datasheet(HTML) 1 Page - Texas Instruments

  INA2181A3IDGST Datasheet HTML 1Page - Texas Instruments INA2181A3IDGST Datasheet HTML 2Page - Texas Instruments INA2181A3IDGST Datasheet HTML 3Page - Texas Instruments INA2181A3IDGST Datasheet HTML 4Page - Texas Instruments INA2181A3IDGST Datasheet HTML 5Page - Texas Instruments INA2181A3IDGST Datasheet HTML 6Page - Texas Instruments INA2181A3IDGST Datasheet HTML 7Page - Texas Instruments INA2181A3IDGST Datasheet HTML 8Page - Texas Instruments INA2181A3IDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
INA4181 (quad-channel)
INA4181 (quad-channel)
INA2181 (dual-channel)
INA181 (single-channel)
Power Supply, VS
2.7 V to 5.5 V
ADC
Microcontroller
Bus Voltage, VCM
Up To 26 V
RSENSE
VS
Load
CBYPASS
0.1 µF
GND
IN±
IN+
OUT
REF
+
±
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
INA181, INA2181, INA4181
SBOS793B – APRIL 2017 – REVISED NOVEMBER 2017
INAx181 Bidirectional, Low- and High-Side Voltage Output,
Current-Sense Amplifiers
1
1 Features
1
Common-Mode Range (VCM): –0.2 V to +26 V
High Bandwidth: 350 kHz (A1 Devices)
Offset Voltage:
±150 µV (Max) at VCM = 0 V
±500 µV (Max) at VCM = 12 V
Output Slew Rate: 2 V/µs
Bidirectional Current-Sensing Capability
Accuracy:
±1% Gain Error (Max)
1-µV/°C Offset Drift (Max)
Gain Options:
20 V/V (A1 Devices)
50 V/V (A2 Devices)
100 V/V (A3 Devices)
200 V/V (A4 Devices)
Quiescent Current: 260 µA Max (INA181)
2 Applications
Motor Control
Battery Monitoring
Power Management
Lighting Control
Overcurrent Detection
Solar Inverters
3 Description
The INA181, INA2181, and INA4181 (INAx181)
current sense amplifiers are designed for cost-
optimized applications. These devices are part of a
family of bidirectional, current-sense amplifiers (also
called current-shunt monitors) that sense voltage
drops across current-sense resistors at common-
mode voltages from –0.2 V to +26 V, independent of
the supply voltage. The INAx181 family integrates a
matched resistor gain network in four, fixed-gain
device options: 20 V/V, 50 V/V, 100 V/V, or 200 V/V.
This matched gain resistor network minimizes gain
error and reduces the temperature drift.
These devices operate from a single 2.7-V to 5.5-V
power supply. The single-channel INA181 draws a
maximum supply current of 260 µA; whereas, the
dual-channel INA2181 draws a maximum supply
current of 450 µA, and the quad-channel INA4181
draws a maximum supply current of 900 µA.
The INA181 is available in a 6-pin, SOT-23 package,
the INA2181 is available in an 10-pin VSSOP
package, and the INA4181 is available in a 20-pin
TSSOP package. All device options are specified
over the extended operating temperature range of
–40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA181
SOT-23 (6)
2.90 mm × 1.60 mm
INA2181(2)
VSSOP (10)
3.00 mm × 3.00 mm
INA4181(2)
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
(2) INA2181 and INA4181 are preview devices.
Typical Application Circuit


Similar Part No. - INA2181A3IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2181A3IDGST TI1-INA2181A3IDGST Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181A3IDGST TI1-INA2181A3IDGST Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2181A3IDGST TI1-INA2181A3IDGST Datasheet
2Mb / 62P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
NOVEMBER 2023
More results

Similar Description - INA2181A3IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
[Old version datasheet]   Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com