Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFD2W224 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWFD2W224
Description  Metallized Polypropylene Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W224 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWFD2W224 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W224 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W224 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W224 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
11
E
C
W
FD
12
Product code
Dielectric &
construction
Cap. Tol.
Rated voltage
Capacitance
Suffix
10
Code
Blank
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
J
±5 %
K
±10 %
2W
450 V.DC
2J
630 V.DC
1
2
3
4
5
6
7
8
9
11
E
C
W
FD
12
Product code
Dielectric &
construction
Suffix 1
Rated voltage
Capacitance
Suffix 2
10
Code
1
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
P
±5 %(J)
Q
±10 %(K)
Code
Cap. Tol.
2W
450 V.DC
2J
630 V.DC
Small size
Excellent frequency characteristics
Low loss
Flame-retardant epoxy resin coating
Low Hum Sound Noise
RoHS directive compliant
Active filter circuit
High frequency circuit
Short lead space product 450 V.DC (0.47 μF, 0.68 μF, 1.0 μF), 630 V.DC (1.0 μF)
Standard product
Non-inductive construction using metalized Polypropylene
film with flame retardant epoxy resin coating.
Features
Metallized Polypropylene
Film Capacitor
Type : ECWFD
Recommended applications
Explanation of part number
Sep. 2017
03


Similar Part No. - ECWFD2W224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFD2W224 PANASONIC-ECWFD2W224 Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWFD2W224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com