Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR50N-42105Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMEPR50N-42105Z
Description  up to 1150mA | AC-DC LED driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR50N-42105Z Datasheet(HTML) 3 Page - AIMTEC

  AMEPR50N-42105Z Datasheet HTML 1Page - AIMTEC AMEPR50N-42105Z Datasheet HTML 2Page - AIMTEC AMEPR50N-42105Z Datasheet HTML 3Page - AIMTEC AMEPR50N-42105Z Datasheet HTML 4Page - AIMTEC AMEPR50N-42105Z Datasheet HTML 5Page - AIMTEC AMEPR50N-42105Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AMEPR50N-Z
up to 1150mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R1
3 of 6
North America only
Dimensions
AWM E355456 STYLE
2464 18AWG VW-ISO
80°C 300V
DC5521
147.5
5.81
106.0
4.17
180±10
7.09±0.39
15±5
0.59±0.20
5±1
0.20±0.04
160.0
6.30
32.0
1.26
10.0
0.39
4.0
0.16
44.0
1.73
105±5
4.13±0.20
10±1
0.39±0.04
32±2
1.26±0.08
Top View
Side View
41.0
1.61
Black
Red
2.10(0.08)
5.45(0.21)
Efficiency Vs. Input Voltage & Output Load Voltage
AMEPR50N-42100Z
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
30
33
36
39
42
Output Voltage(V)
115VAC
230VAC


Similar Part No. - AMEPR50N-42105Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR50N-42105Z AIMTEC-AMEPR50N-42105Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results

Similar Description - AMEPR50N-42105Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR50N-Z AIMTEC-AMEPR50N-Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com