Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK60E2-150M00SIAT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK60E2-150M00SIAT
Description  High-Performance Low Jitter Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E2-150M00SIAT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK60E2-150M00SIAT Datasheet HTML 6Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 7Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 8Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 9Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 10Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 11Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 12Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 13Page - Texas Instruments LMK60E2-150M00SIAT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
LMK60E2-150M, LMK60E0-156257
LMK60A0-148351, LMK60A0-148M
SNAS687C – JUNE 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: LMK60E2-150M LMK60E0-156257 LMK60A0-148351 LMK60A0-148M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Power Supply Recommendations
For best electrical performance of LMK60XX, TI recommends using a combination of 10 µF, 1 µF and 0.1 µF on
its power supply bypass network. TI also recommends using component side mounting of the power supply
bypass capacitors, and it is best to use 0201 or 0402 body size capacitors to facilitate signal routing. Keep the
connections between the bypass capacitors and the power supply on the device as short as possible. Ground the
other side of the capacitor using a low impedance connection to the ground plane. Figure 12 shows the layout
recommendation for power supply decoupling of LMK60XX.
9 Layout
9.1 Layout Guidelines
The following sections provides recommendations for board layout, solder reflow profile and power supply
bypassing when using LMK60XX to ensure good thermal / electrical performance and overall signal integrity of
entire system.
9.1.1 Ensuring Thermal Reliability
The LMK60XX is a high performance device. Therefore pay careful attention to device configuration and printed-
circuit board (PCB) layout with respect to power consumption. The ground pin needs to be connected to the
ground plane of the PCB through three vias or more, as shown in Figure 12, to maximize thermal dissipation out
of the package.
Equation 1 describes the relationship between the PCB temperature around the LMK60XX and its junction
temperature.
TB = TJ – ΨJB * P
where
TB: PCB temperature around the LMK60XX
TJ: Junction temperature of LMK60XX
ΨJB: Junction-to-board thermal resistance parameter of LMK60XX (37.7°C/W without airflow)
P: On-chip power dissipation of LMK60XX
(1)
To ensure that the maximum junction temperature of LMK60XX is below 120°C, it can be calculated that the
maximum PCB temperature without airflow should be at 90°C or below when the device is optimized for best
performance resulting in maximum on-chip power dissipation of 0.68 W.
9.1.2 Best Practices for Signal Integrity
For best electrical performance and signal integrity of entire system with LMK60XX, TI recommends routing vias
into decoupling capacitors and then into the LMK60XX. TI also recommends increasing the via count and width
of the traces wherever possible. These steps ensure lowest impedance and shortest path for high-frequency
current flow. Figure 12 shows the layout recommendation for LMK60XX.


Similar Part No. - LMK60E2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-150M00SIAT TI1-LMK60E2-150M00SIAT Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK60E2-150M00SIAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com