Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMT468J89 Datasheet(PDF) 10 Page - World Produts Inc.

Part # PCMT468J89
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468J89 Datasheet(HTML) 10 Page - World Produts Inc.

Back Button PCMT468J89 Datasheet HTML 5Page - World Produts Inc. PCMT468J89 Datasheet HTML 6Page - World Produts Inc. PCMT468J89 Datasheet HTML 7Page - World Produts Inc. PCMT468J89 Datasheet HTML 8Page - World Produts Inc. PCMT468J89 Datasheet HTML 9Page - World Produts Inc. PCMT468J89 Datasheet HTML 10Page - World Produts Inc. PCMT468J89 Datasheet HTML 11Page - World Produts Inc. PCMT468J89 Datasheet HTML 12Page - World Produts Inc. PCMT468J89 Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
92
THE GRAPHS OF CHARACTERISTICS
∆ C/C
(%)
2
1
0
-1
-2
-3
Capacitance change at 1kHz as a function of frequency temperature
10
2
10
3
10
4
10
5
f(Hz)
10
4
f(Hz)
10
5
10
6
10
3
10
-2
Impedance
(Ω)
10
-1
10
3
10
7
10
0
10
1
10
2
Impedance as a function of frequency: typical curve
400V; 390nF
5
4 3
2 1
C≤ 0.33㎌(curve 1)
0.33㎌<C≤ 1.2 ㎌(curve 2)
1.2 ㎌<C≤ 3.9 ㎌(curve 3)
3.9 ㎌<C≤ 6.8 ㎌(curve 4)
C≥ 6.8 ㎌(curve 5)
10
3
f(Hz)
10
4
10
5
10
2
10
1
Dissipation
Factor
(×10
-4)
10
3
10
2
Tangent of loss angle as a function of frequency: typical curve
factor
0.2
-60
60
-20
20
100
Tamb(C)
-40
0
40
80
0
0.4
0.6
0.8
1.0
1.2
Multiplying factor for DC and AC voltage as a function of temperature
Capacitance as a function of ambient free air temperature,
measured at 1kHz, 1V
∆C/C
(%)
0
-6
4
2
-2
-4
6
-60
60
-20
20
100
Tamb(
°C)
max.
typical
min.
400V-600V
250V
100V
RC product as a function of ambient free air temperature: typical curve
Tamb(℃)
-60
10
2
10
5
10
3
10
4
-40
-20
0
20
40
60
80
100
RC
(s)


Similar Part No. - PCMT468J89

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468J89

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com