Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMT468F8A Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMT468F8A
Description  Supplied loose in box and ammopack
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468F8A Datasheet(HTML) 5 Page - World Produts Inc.

  PCMT468F8A Datasheet HTML 1Page - World Produts Inc. PCMT468F8A Datasheet HTML 2Page - World Produts Inc. PCMT468F8A Datasheet HTML 3Page - World Produts Inc. PCMT468F8A Datasheet HTML 4Page - World Produts Inc. PCMT468F8A Datasheet HTML 5Page - World Produts Inc. PCMT468F8A Datasheet HTML 6Page - World Produts Inc. PCMT468F8A Datasheet HTML 7Page - World Produts Inc. PCMT468F8A Datasheet HTML 8Page - World Produts Inc. PCMT468F8A Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
87
VRdc = 250V
VRac = 160V
~
CATALOGUE NUMBER
PCMT 468 .....
loose in box
lt = 5.0 ± 1.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C-tol. ± 5 %
C-tol. ± 10 %
Pitch = 10.0 ± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.1
0.12
0.15
0.18
0.22
4.0 x 10.0 x 12.5
0.8
PCMT 468 42104
PCMT 468 42124
PCMT 468 A2154
PCMT 468 A2184
PCMT 468 A2224
PCMT 468 43104
PCMT 468 43124
PCMT 468 A3154
PCMT 468 A3184
PCMT 468 A3224
0.15
0.18
0.22
0.27
0.33
5.0 x 11.0 x 12.5
0.9
PCMT 468 42154
PCMT 468 42184
PCMT 468D42224
PCMT 468D42274
PCMT 468D42334
PCMT 468 43154
PCMT 468 43184
PCMT 468D43224
PCMT 468D43274
PCMT 468D43334
0.39
0.47
6.0 x 12.0 x 12.5
1.0
PCMT 468D42394
PCMT 468D42474
PCMT 468D43394
PCMT 468D43474
Pitch = 15.0 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.22
0.27
0.33
0.39
0.47
5.0 x 11.0 x 18.0
1.2
PCMT 468 42224
PCMT 468 42274
PCMT 468 42334
PCMT 468 A2394
PCMT 468 A2474
PCMT 468 43224
PCMT 468 43274
PCMT 468 43334
PCMT 468 A3394
PCMT 468 A3474
0.39
0.47
0.56
0.68
6.0 x 12.0 x 18.0
1.4
PCMT 468 42394
PCMT 468 42474
PCMT 468 A2564
PCMT 468 A2684
PCMT 468 43394
PCMT 468 43474
PCMT 468 A3564
PCMT 468 A3684
0.56
0.68
0.82
1.0
7.0 x 13.5 x 18.0
1.9
PCMT 468 42564
PCMT 468 42684
PCMT 468 A2824
PCMT 468 A2105
PCMT 468 43564
PCMT 468 43684
PCMT 468 A3824
PCMT 468 A3105
0.82
1.0
1.2
1.5
8.5 x 15.0 x 18.0
2.6
PCMT 468 42824
PCMT 468 42105
PCMT 468F42125
PCMT 468F42155
PCMT 468 43824
PCMT 468 43105
PCMT 468F43125
PCMT 468F43155
1.8
10.0 x 16.5 x 18.0
3.1
PCMT 468FA2185
PCMT 468FA3185
2.2
11.0 x 18.5 x 18.0
4.1
PCMT 468FA2225
PCMT 468FA3225
Pitch = 22.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
1.0
1.2
1.5
1.8
7.0 x 16.5 x 26.0
3.2
PCMT 468J42105
PCMT 468 42125
PCMT 468 A2155
PCMT 468 A2185
PCMT 468J43105
PCMT 468 43125
PCMT 468 A3155
PCMT 468 A3185
1.5
1.8
2.2
2.7
8.5 x 18.0 x 26.0
4.4
PCMT 468 42155
PCMT 468 42185
PCMT 468 A2225
PCMT 468 A2275
PCMT 468 43155
PCMT 468 43185
PCMT 468 A3225
PCMT 468 A3275
2.2
2.7
3.3
3.9
10.0 x 19.5 x 26.0
5.5
PCMT 468 42225
PCMT 468 42275
PCMT 468J42335
PCMT 468JA2395
PCMT 468 43225
PCMT 468 43275
PCMT 468J43335
PCMT 468JA3395
3.9
4.7
5.6
13.0 x 23.0 x 26.0
9.7
PCMT 468J42395
PCMT 468J42475
PCMT 468JA2565
PCMT 468J43395
PCMT 468J43475
PCMT 468JA3565
Pitch = 27.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
3.3
3.9
4.7
5.6
11.0 x 21.0 x 31.0
7.8
PCMT 468 42335
PCMT 468 A2395
PCMT 468 A2475
PCMT 468 A2565
PCMT 468 43335
PCMT 468 A3395
PCMT 468 A3475
PCMT 468 A3565
3.9
4.7
5.6
6.8
13.0 x 23.0 x 31.0
10.4
PCMT 468 42395
PCMT 468 42475
PCMT 468 42565
PCMT 468 A2685
PCMT 468 43395
PCMT 468 43475
PCMT 468 43565
PCMT 468 A3685
6.8
8.2
10
15.0 x 25.0 x 31.0
12.8
PCMT 468 42685
PCMT 468 A2825
PCMT 468 A2106
PCMT 468 43685
PCMT 468 A3825
PCMT 468 A3106
12
18.0 x 28.0 x 31.0
19.6
PCMT 468 A2126
PCMT 468 A3126


Similar Part No. - PCMT468F8A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PCMT HAMMOND-PCMT Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003 HAMMOND-PCMT19003 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
50Kb / 1P
   Chemin de cables horizontal
PCMT19003BK1 HAMMOND-PCMT19003BK1 Datasheet
82Kb / 1P
   Mounting hardware not included
PCMT23003 HAMMOND-PCMT23003 Datasheet
82Kb / 1P
   Mounting hardware not included
More results

Similar Description - PCMT468F8A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
   Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
   Supplied loose in box and taped on reel
PCX1331 WPI-PCX1331 Datasheet
233Kb / 7P
   Supplied loose in box and taped on reel
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com