Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F83 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMP384F83
Description  Small dimension for high density packaging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F83 Datasheet(HTML) 5 Page - World Produts Inc.

  PCMP384F83 Datasheet HTML 1Page - World Produts Inc. PCMP384F83 Datasheet HTML 2Page - World Produts Inc. PCMP384F83 Datasheet HTML 3Page - World Produts Inc. PCMP384F83 Datasheet HTML 4Page - World Produts Inc. PCMP384F83 Datasheet HTML 5Page - World Produts Inc. PCMP384F83 Datasheet HTML 6Page - World Produts Inc. PCMP384F83 Datasheet HTML 7Page - World Produts Inc. PCMP384F83 Datasheet HTML 8Page - World Produts Inc. PCMP384F83 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
189
VRdc = 400 V
VRac = 220 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
4.0 x 10.0 x 12.5
0.8
PCMP 384 52103
PCMP 384 52113
PCMP 384 52123
PCMP 384 52133
PCMP 384 52153
PCMP 384 52163
PCMP 384 52183
PCMP 384 52203
PCMP 384 52223
PCMP 384 5A103
PCMP 384 5A113
PCMP 384 5A123
PCMP 384 5A133
PCMP 384 5A153
PCMP 384 5A163
PCMP 384 5A183
PCMP 384 5A203
PCMP 384 5A223
0.024
0.027
0.030
0.033
5.0 x 11.0 x 12.5
0.9
PCMP 384 52243
PCMP 384 52273
PCMP 384 52303
PCMP 384 52333
PCMP 384 5A243
PCMP 384 5A273
PCMP 384 5A303
PCMP 384 5A333
0.036
0.039
0.043
0.047
6.0 x 12.0 x 12.5
1.0
PCMP 384D52363
PCMP 384D52393
PCMP 384D52433
PCMP 384D52473
PCMP 384D5A363
PCMP 384D5A393
PCMP 384D5A433
PCMP 384D5A473
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.036
0.039
0.043
0.047
0.051
0.056
5.0 x 11.0 x 18.0
1.2
PCMP 384 52363
PCMP 384 52393
PCMP 384 52433
PCMP 384 52473
PCMP 384 52513
PCMP 384 52563
PCMP 384 5A363
PCMP 384 5A393
PCMP 384 5A433
PCMP 384 5A473
PCMP 384 5A513
PCMP 384 5A563
0.062
0.068
0.075
0.082
6.0 x 12.0 x 18.0
1.4
PCMP 384 52623
PCMP 384 52683
PCMP 384 52753
PCMP 384 52823
PCMP 384 5A623
PCMP 384 5A683
PCMP 384 5A753
PCMP 384 5A823
0.091
0.10
0.11
7.0 x 13.5 x 18.0
1.9
PCMP 384 52913
PCMP 384 52104
PCMP 384 52114
PCMP 384 5A913
PCMP 384 5A104
PCMP 384 5A114


Similar Part No. - PCMP384F83

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F42 WPI-PCMP389F42 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F43 WPI-PCMP389F43 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F45 WPI-PCMP389F45 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F4A WPI-PCMP389F4A Datasheet
131Kb / 16P
   Low loss dielectric
More results

Similar Description - PCMP384F83

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com