Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCP-18NX60-TMS Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CCP-18NX60-TMS
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-18NX60-TMS Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CCP-18NX60-TMS Datasheet HTML 1Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 2Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 3Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 4Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 5Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 6Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 7Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 8Page - Willow Technologies Ltd CCP-18NX60-TMS Datasheet HTML 9Page - Willow Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-18 Page 1
CCP-18\072013\Q3
Series CCP-18N
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
PART NUMBER
DESCRIPTION
CCP-18N
Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
These switches have extremely low passive intermodulation for use in narrow bandwidth communications
applications.
The CCP-18N is a broadband multi-position coaxial switch designed to switch RF signals from one
input port to any one of 3 through 6 output ports. It is readily adapted to any 50 Ohms transmission line
system. The standard actuator gives individual solenoid control of each position and when de-energized,
all positions are open.
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCP-18
N
1
6
C
-
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* 15 pin D-Sub Connector
(See Connector Pinout page)
CONNECTOR
ACTUATOR VOLTAGE
NUMBER OF POSITIONS
ACTUATOR TYPE
OPTIONS
N
: TYPE N FEMALE
1: 28 VDC NORMALLY OPEN
3: SP3T
0
: NO INDICATOR CONTACTS
T
: TTL DRIVERS WITH DIODES
2: 15 VDC NORMALLY OPEN
4: SP4TC
: INDICATOR CONTACTS
D
: COIL TRANSIENT SUPPRESSION DIODES
3: 12 VDC NORMALLY OPEN
5: SP5TS
: D-SUB CONNECTOR*
4: 24 VDC NORMALLY OPEN
6: SP6TTD
: DECODERS AND TTL DRIVERS WITH
DIODES
M
: MOISTURE SEAL
**SEE PARTS LIST ON PAGE 10
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,
break before make
Frequency Range
DC–3 GHz
Characteristic Impedance
50 Ohms
Switching Time
20 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
600 480 300 270 mA
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
–40°C to 65°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
1,000,000 cycles
Connector Type
Type N
Humidity (Moisture Seal)
Available
Weight
9 oz. (255.2g) (max.)
PERFORMANCE CHARACTERISTICS
Frequency
DC–3 GHz
Insertion Loss, dB, max.
0.3
Isolation, dB, min.
70
VSWR , max.
1.3:1
RF Power (cw), W, max.
200
PASSIVE INTERMODULATION CHARACTERISTICS
Tone 1 Frequency
(MHz)
Tone 2 Frequency
(MHz)
IM3 Frequency
(MHz)
PIM Threshold
(dBc)
1945
1990
1900
-140.0
P1 P2 (dBm)
PIM (dBc)
PEAK PIM (dBc)
43
-146.7
-146.7


Similar Part No. - CCP-18NX60-TMS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18NX60-TMS TELEDYNE-CCP-18NX60-TMS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-18NX60-TMS

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com