Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE190 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE190
Description  Silicon NPN Transistor High Voltage Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE190 Datasheet(HTML) 2 Page - NTE Electronics

  NTE190 Datasheet HTML 1Page - NTE Electronics NTE190 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 10mA, VCE = 10V
40
Base–Emitter ON Voltage
VBE(on)
IC = 200mA, VCE = 1V
1.0
V
Collector–Emitter Saturation Voltage
VCE(sat) IC = 200mA, IB = 20mA
0.5
V
Dynamic Characteristics
Current Gain–Bandwidth Product
fT
IC = 50mA, VCE = 20V,
f = 20MHz
35
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, f = 100kHz
12
pF
Input Capacitance
Cib
VBE = 0.5V, IC = 0, f = 100kHz
110
pF
Note 1. Pulse Test: Pulse Width
≤ 300µs. Duty Cycle ≤ 2%.
Collector Connected to Tab
EB C
.050 (1.27)
.380 (9.65) Max
.280 (7.25) Max
.128 (3.28) Dia
.200 (5.08)
.218
(5.55)
.160
(4.06)
.475
(12.0)
Min
.995
(25.3)
.100 (2.54)
.100 (2.54)


Similar Part No. - NTE190

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
   Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
More results

Similar Description - NTE190

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2585 NTE-NTE2585 Datasheet
18Kb / 2P
   Silicon NPN Transistor High Voltage Amplifier
logo
Motorola, Inc
MPS-U10 MOTOROLA-MPS-U10 Datasheet
262Kb / 3P
   NPN SILICON HIGH VOLTAGE AMPLIFIER TRANSISTOR
logo
Seme LAB
BC394CSM SEME-LAB-BC394CSM Datasheet
22Kb / 2P
   HIGH VOLTAGE NPN AMPLIFIER TRANSISTOR
logo
AUK corp
2N5551 AUK-2N5551 Datasheet
199Kb / 3P
   NPN Silicon Transistor (General purpose amplifier High voltage application)
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com