Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS3655 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMS3655
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655 Datasheet(HTML) 1 Page - Texas Instruments

  LMS3655_17 Datasheet HTML 1Page - Texas Instruments LMS3655_17 Datasheet HTML 2Page - Texas Instruments LMS3655_17 Datasheet HTML 3Page - Texas Instruments LMS3655_17 Datasheet HTML 4Page - Texas Instruments LMS3655_17 Datasheet HTML 5Page - Texas Instruments LMS3655_17 Datasheet HTML 6Page - Texas Instruments LMS3655_17 Datasheet HTML 7Page - Texas Instruments LMS3655_17 Datasheet HTML 8Page - Texas Instruments LMS3655_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Output Current (A)
0.001
0.01
0.1
1
10
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
LMS3
VIN = 12
VIN = 24
PVIN 1
PGND1
BIAS
VCC
CBOOT
SW
EN
AVIN
FPWM
RESET
VOUT
LMS3655
AGND
10 µF
470 nF
PVIN 2
PGND2
SYNC
FB
NC
VIN
3.5 V to 36 V
10 µF
4.7 µF
10 µF
0.1 µF
CFF
RFBT
RFBB
L1=10 µH
3 X 47 µF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMS3655
SNAS744A – JULY 2017 – REVISED OCTOBER 2017
LMS3655 5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
1
1 Features
1
96% Peak Efficiency While Converting 12 V to 5 V
Low EMI and Switch Noise
Minimized Switch Node Ringing
Pseudo-Random Spread Spectrum
400-kHz (±10%) Fixed Switching Frequency
–40°C to +150°C Junction Temperature Range
External Frequency Synchronization
RESET Output With Internal Filter and 3-ms
Release Timer
Automatic Light Load Mode for Improved
Efficiency
Pin-Selectable Forced PWM Mode
Built-In Compensation, Soft Start, Current Limit,
Thermal Shutdown, and UVLO
0.35-V Dropout With 3.5-A Load at 25°C (Typical)
32-µA IQ_VIN: Quiescent Current at 3.3 VOUT and
No Load (Typical)
5.5-A Continuous Load Current
Adjustable Output Voltage (1 V to 15 V)
±1.5% Reference Voltage Tolerance
4-mm × 5-mm, 0.5-mm Pitch SON Package
2 Applications
Noise-Sensitive Medical Applications
Telecom
High Performance Industrial
3 Description
The LMS3655 synchronous buck regulators are
optimized
for
high
performance
applications,
providing an adjustable output of 1 V to 15 V.
Seamless transition between PWM and PFM modes,
along with a low quiescent current, ensures high
efficiency and superior transient responses at all
loads.
Advanced high-speed circuitry allows the LMS3655 to
regulate an input of 24 V to an output of 3.3 V at a
fixed frequency of 400 kHz while also enabling a
continuous load current of 5.5 A. An innovative
frequency foldback architecture allows this device to
regulate a 3.3-V output from an input voltage of only
3.5 V. The input voltage can range up to 36 V, with
transient tolerance up to 42 V, easing input surge
protection design.
An open-drain reset output, with built-in filtering and
delay, provides a true indication of system status.
This feature negates the requirement for an additional
supervisory
component,
saving
cost
and
board
space.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
LMS3655
VQFN-HR (22)
4.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
LMS3655 Efficiency: VOUT = 5 V


Similar Part No. - LMS3655_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS36553QRNLRQ1 TI1-LMS36553QRNLRQ1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS36553QRNLRQ1 TI-LMS36553QRNLRQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3655_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com