Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS3655AMRNLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655AMRNLR
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655AMRNLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMS3655AMRNLR Datasheet HTML 7Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 8Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 9Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 10Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 11Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 12Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 13Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 14Page - Texas Instruments LMS3655AMRNLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Termperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
D026
VRESET_LOWER_RISING
VRESET_LOWER
VOUT
VRESET_UPPER
VRESET_UPPER_FALLING
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
94%
96%
98%
100%
102%
104%
106%
108%
D027
VRESET_LOWER
VRESET_UPPER
11
LMS3655
www.ti.com
SNAS744A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25ºC. Specified temperatures are ambient.
Figure 7. RESET Threshold 5-V Output
Figure 8. RESET Threshold as Percentage of Output Voltage


Similar Part No. - LMS3655AMRNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655AQRNLRQ1 TI1-LMS3655AQRNLRQ1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655AQRNLRQ1 TI-LMS3655AQRNLRQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655AQRNLTQ1 TI1-LMS3655AQRNLTQ1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655AQRNLTQ1 TI-LMS3655AQRNLTQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3655AMRNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com