Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2572RHAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572RHAR
Description  6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572RHAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2572RHAR Datasheet HTML 5Page - Texas Instruments LMX2572RHAR Datasheet HTML 6Page - Texas Instruments LMX2572RHAR Datasheet HTML 7Page - Texas Instruments LMX2572RHAR Datasheet HTML 8Page - Texas Instruments LMX2572RHAR Datasheet HTML 9Page - Texas Instruments LMX2572RHAR Datasheet HTML 10Page - Texas Instruments LMX2572RHAR Datasheet HTML 11Page - Texas Instruments LMX2572RHAR Datasheet HTML 12Page - Texas Instruments LMX2572RHAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D013
5400 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D014
5900 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D011
4400 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D012
4900 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D009
3400 MHz
Offset (kHz)
1
2 3 45 710 20
50 100200
1000
10000
50000
50000
-160
-140
-120
-100
-80
-60
-40
D010
3900 MHz
9
LMX2572
www.ti.com
SNAS740A – OCTOBER 2017 – REVISED OCTOBER 2017
Product Folder Links: LMX2572
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, unless otherwise noted
Figure 3. Open-Loop VCO Phase Noise at 3.4 GHz
Figure 4. Open-Loop VCO Phase Noise at 3.9 GHz
Figure 5. Open-Loop VCO Phase Noise at 4.4 GHz
Figure 6. Open-Loop VCO Phase Noise at 4.9 GHz
Figure 7. Open-Loop VCO Phase Noise at 5.4 GHz
Figure 8. Open-Loop VCO Phase Noise at 5.9 GHz


Similar Part No. - LMX2572RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAR TI1-LMX2572LPRHAR Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAT TI1-LMX2572LPRHAT Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
More results

Similar Description - LMX2572RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
[Old version datasheet]   Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com