Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS3655MMRNLT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3655MMRNLT
Description  5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3655MMRNLT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMS3655MMRNLT Datasheet HTML 2Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 3Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 4Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 5Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 6Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 7Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 8Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 9Page - Texas Instruments LMS3655MMRNLT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
LMS3655
SNAS744A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMS3655
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LMS3655
UNIT
RNL (VQFN)
22 PINS
RθJA
Junction-to-ambient thermal resistance
38.5
°C/W
RθJC
Junction-to-case (top) thermal resistance
16.3
°C/W
RθJB
Junction-to-board thermal resistance
16.4
°C/W
ψJT
Junction-to-top characterization parameter
2.0
°C/W
ψJB
Junction-to-board characterization parameter
16.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.6
°C/W
(1)
Mounted on a thermally optimized FR4 four layer EVM with a size of 4000 mill × 3000 mill.
7.5 Thermal Information (for Device Mounted on PCB)
THERMAL METRIC(1)
LMS3655
UNIT
RNL (VQFN)
22 PINS
RθJA
Junction-to-ambient thermal resistance
29.4
°C/W
RθJC
Junction-to-case (top) thermal resistance
14.2
°C/W
RθJB
Junction-to-board thermal resistance
5.4
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
5.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
°C/W
(1)
This is the current used by the device while not switching, open loop on the ATE. It does not represent the total input current from the
regulator system.
7.6 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted.
Minimum and maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Initial reference voltage for 5-V
and 3.3-V options
VIN = 3.8 V to 36 V, TJ = 25°C
–1%
1%
VIN = 3.8 V to 36 V
–1.5%
1.5%
IQ
Operating quiescent current;
measured at VIN pin when
enabled and not switching(1)
VIN = 13.5 V, VBIAS = 5 V
7.5
16
µA
IB_NSW
Bias current into BIAS pin,
enabled, not switching
VIN = 13.5 V, VBIAS = 5 V, FPWM =
0 V
53
62
µA
VIN = 13.5 V, VBIAS = 3.3 V, FPWM
= 0 V
53
62
ISD
Shutdown quiescent current;
measured at VIN pin
EN
≤ 0.4 V
2
3
µA
VIN-OPERATE
Minimum input voltage to operate
Rising
3.2
3.55
3.90
V
Falling
2.95
3.25
3.55
Hysteresis
0.28
0.3
0.4
VRESET
RESET upper threshold voltage
Rising, % of VOUT
105%
107%
110%
RESET lower threshold voltage
Falling, % VOUT
92%
94%
96.5%
Magnitude of RESET lower
threshold from steady state
output voltage
Steady-state output voltage and
RESET falling threshold read at the
same TJ and VIN
96%


Similar Part No. - LMS3655MMRNLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655MMRNLT TI1-LMS3655MMRNLT Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
More results

Similar Description - LMS3655MMRNLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com